Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS80C52 Datasheet(PDF) 8 Page - Intel Corporation

Part # LS80C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LS80C52 Datasheet(HTML) 8 Page - Intel Corporation

Back Button LS80C52 Datasheet HTML 4Page - Intel Corporation LS80C52 Datasheet HTML 5Page - Intel Corporation LS80C52 Datasheet HTML 6Page - Intel Corporation LS80C52 Datasheet HTML 7Page - Intel Corporation LS80C52 Datasheet HTML 8Page - Intel Corporation LS80C52 Datasheet HTML 9Page - Intel Corporation LS80C52 Datasheet HTML 10Page - Intel Corporation LS80C52 Datasheet HTML 11Page - Intel Corporation LS80C52 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8XC525458
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature Under Bias b40 Cto a85 C
Storage Temperature
b
65 Cto a150 C
Voltage on EAVPP Pin to VSS
0V to a130V
Voltage on Any Other Pin to VSS
b
05V to a65V
IOL Per IO Pin
15 mA
Power Dissipation15W
(based on PACKAGE heat transfer limitations not
device power consumption)
NOTICE This data sheet contains preliminary infor-
mation on new products in production The specifica-
tions are subject to change without notice Verify with
your local Intel Sales office that you have the latest
data sheet before finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Description
Min
Max
Units
TA
Ambient Temperature Under Bias
Commercial
0
a
70
C
Express
b
40
a
85
C
VCC
Supply Voltage
40
60
V
8XC5X-33
45
55
V
fOSC
Oscillator Frequency
8XC5X
35
12
MHz
8XC5X-1
35
16
MHz
8XC5X-2
05
12
MHz
8XC5X-24
35
24
MHz
8XC5X-33
35
33
MHz
DC CHARACTERISTICS (Over Operating Conditions)
All parameter values apply to all devices unless otherwise indicated
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
(Note 4)
VIL
Input Low Voltage
b
05
02 VCCb01
V
VIL1
Input Low Voltage EA
0
02 VCCb03
V
VIH
Input High Voltage
02 VCCa09
VCCa05
V
(Except XTAL1 RST)
VIH1
Input High Voltage
07 VCC
VCCa05
V
(XTAL1 RST)
VOL
Output Low Voltage (Note 5)
03
V
IOL e 100 mA (Note 1)
(Ports 1 2 and 3)
045
V
IOL e 16 mA (Note 1)
10
V
IOL e 35 mA (Note 1)
VOL1
Output Low Voltage (Note 5)
03
V
IOL e 200 mA (Note 1)
(Port 0 ALE PSEN)
045
V
IOL e 32 mA (Note 1)
10
V
IOL e 70 mA (Note 1)
VOH
Output High Voltage
VCCb03
V
IOH eb10 mA
(Ports 1 2 and 3 ALE PSEN)
VCCb07
V
IOH eb30 mA
VCCb15
V
IOH eb60 mA
8


Similar Part No. - LS80C52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LS80C86 INTERSIL-LS80C86 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
LS80C88 INTERSIL-LS80C88 Datasheet
246Kb / 32P
   CMOS 8/16-Bit Microprocessor
March 1997
More results

Similar Description - LS80C52

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com