Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1210-02ST Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM1210-02ST
Description  1, 2, 4 and 8-Channel Very Low Capacitance ESD Protectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1210-02ST Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM1210-02ST Datasheet HTML 2Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 3Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 4Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 5Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 6Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 7Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 8Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 9Page - California Micro Devices Corp CM1210-02ST Datasheet HTML 10Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
01/14/04
CM1210
Performance Information (Cont’d)
Typical Filter Performance (nominal conditions unless specified otherwise, 50 Ohm Environment)
Figure 1. Insertion Loss (S21) VS. Frequency (0V DC Bias, VP=3.3V)
Figure 2. Insertion Loss (S21) VS. Frequency (2.5V DC Bias, VP=3.3V)
VP(3.3V)
GND
P1
I/On
P2
TEST CIRCUIT
VP(3.3V)
GND
P1
I/On
P2
TEST CIRCUIT


Similar Part No. - CM1210-02ST

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
CM1211F FENGJUI-CM1211F Datasheet
223Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM1211F-102 FENGJUI-CM1211F-102 Datasheet
223Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
CM1211F-701 FENGJUI-CM1211F-701 Datasheet
223Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
logo
Chicago Miniature Lamp,...
CM1212 CML-CM1212 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
Visual Communications C...
CM1212 VCC-CM1212 Datasheet
28Kb / 1P
   Wedge Base Lens End
More results

Similar Description - CM1210-02ST

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1230 ONSEMI-CM1230 Datasheet
325Kb / 16P
   2, 4, and 8-Channel Low-Capacitance ESD Protection Array
May 2010 ??Rev. 2
logo
California Micro Device...
CM1230 CALMIRCO-CM1230 Datasheet
352Kb / 11P
   2, 4 and 8-Channel Low Capacitance ESD Protection Array
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_16 Datasheet
576Kb / 12P
   1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com