Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5522 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5522
Description  12-Bit, 105MSPS Analog-toDigital Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5522 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS5522 Datasheet HTML 5Page - Burr-Brown (TI) ADS5522 Datasheet HTML 6Page - Burr-Brown (TI) ADS5522 Datasheet HTML 7Page - Burr-Brown (TI) ADS5522 Datasheet HTML 8Page - Burr-Brown (TI) ADS5522 Datasheet HTML 9Page - Burr-Brown (TI) ADS5522 Datasheet HTML 10Page - Burr-Brown (TI) ADS5522 Datasheet HTML 11Page - Burr-Brown (TI) ADS5522 Datasheet HTML 12Page - Burr-Brown (TI) ADS5522 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADS5521
SBAS309 − MAY 2004
www.ti.com
9
PIN ASSIGNMENTS
TERMINAL
NO.
NAME
NO.
OF PINS
I/O
DESCRIPTION
AVDD
5, 7, 9, 15, 22, 24, 26,
28, 33, 34, 37, 39
12
I
Analog power supply
AGND
6, 8, 12, 13, 14, 16, 18,
21, 23, 25, 27, 32, 36, 38
14
I
Analog ground
DRVDD
49, 58
2
I
Output driver power supply
DRGND
1, 42, 48,
50, 57, 59
6
I
Output driver ground
NC
44, 45
2
Not connected
INP
19
1
I
Differential analog input (positive)
INM
20
1
I
Differential analog input (negative)
REFP
29
1
O
Reference voltage (positive); 0.1
µF capacitor in series with a 1Ω
resistor to GND
REFM
30
1
O
Reference voltage (negative); 0.1
µF capacitor in series with a 1Ω
resistor to GND
IREF
31
1
I
Current set; 56k
Ω resistor to GND; do not connect capacitors
CM
17
1
O
Common-mode output voltage
RESET
35
1
I
Reset (active high), 200k
Ω resistor to AVDD
OE
41
1
I
Output enable (active high)
DFS
40
1
I
Data format and clock out polarity select(1)
CLKP
10
1
I
Data converter differential input clock (positive)
CLKM
11
1
I
Data converter differential input clock (negative)
SEN
4
1
I
Serial interface chip select
SDATA
3
1
I
Serial interface data
SCLK
2
1
I
Serial interface clock
D0 (LSB)−D11 (MSB)
46, 47, 51−56, 60−63
12
O
Parallel data output
OVR
64
1
O
Over-range indicator bit
CLKOUT
43
1
O
CMOS clock out in sync with data
NOTE: PowerPAD is connected to analog ground.
(1) The DFS pin is programmable to four discrete voltage levels: 0, 3/8 AVDD, 5/8 AVDD, and AVDD. The thresholds are centered. More details are
listed in Table 3 on page 8.


Similar Part No. - ADS5522

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5522 BURR-BROWN-ADS5522 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5522 BURR-BROWN-ADS5522 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5522 BURR-BROWN-ADS5522 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5522 TI-ADS5522 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522 TI1-ADS5522 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5522

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5521 TI1-ADS5521 Datasheet
698Kb / 36P
[Old version datasheet]   12-Bit, 105MSPS Analog-To-Digital Converter
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
logo
Linear Technology
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
logo
Analog Devices
AD10201 AD-AD10201 Datasheet
762Kb / 20P
   DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV. 0
logo
Linear Technology
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
   12-Bit,105Msps/80Msps ADCs
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com