Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5500 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5500
Description  12-Bit, 105MSPS Analog-toDigital Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5500 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS5500 Datasheet HTML 1Page - Burr-Brown (TI) ADS5500 Datasheet HTML 2Page - Burr-Brown (TI) ADS5500 Datasheet HTML 3Page - Burr-Brown (TI) ADS5500 Datasheet HTML 4Page - Burr-Brown (TI) ADS5500 Datasheet HTML 5Page - Burr-Brown (TI) ADS5500 Datasheet HTML 6Page - Burr-Brown (TI) ADS5500 Datasheet HTML 7Page - Burr-Brown (TI) ADS5500 Datasheet HTML 8Page - Burr-Brown (TI) ADS5500 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADS5521
SBAS309 − MAY 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
Typ, min, and max values at TA = +25°C, full temperature range is TMIN = −40°C to tMAX = +85°C, sampling rate = 105MSPS, 50% clock duty
cycle, AVDD = DRVDD = 3.3V, DLL On, −1dBFS differential input, and 3VPP differential clock, unless otherwise noted.
PARAMETER
UNIT
MAX
TYP
MIN
CONDITIONS
Effective number of bits, ENOB
fIN = 70MHz
11.2
Bits
f = 10.1MHz, 15.1MHz
(−7dBFS each tone)
TBD
dBc
Two-tone intermodulation distortion, IMD
f = 30.1MHz, 35.1MHz
(−7dBFS each tone)
TBD
dBc
f = 50.1MHz, 55.1MHz
(−7dBFS each tone)
TBD
dBc
Power Supply
Total supply current, ICC
VIN = full-scale, fIN = 55MHz
AVDD = DRVDD = 3.3V
212
TBD
mA
Analog supply current, IAVDD
VIN = full-scale, fIN = 55MHz
AVDD = DRVDD = 3.3V
171
TBD
mA
Output buffer supply current, IDRVDD
VIN = full-scale, fIN = 55MHz
AVDD = DRVDD = 3.3V
41
TBD
mA
Analog only
564
TBD
mW
Power dissipation
Total power with 10pF load on
digital output to ground
700
TBD
mW
Standby power
With clocks running
TBD
TBD
mW
DIGITAL CHARACTERISTICS
Typ, min, and max values at TA = +25°C, full temperature range is TMIN = −40°C to tMAX = +85°C, sampling rate = 105MSPS, 50% clock duty
cycle, AVDD = DRVDD = 3.3V, DLL On, −1dBFS differential input, and 3VPP differential clock, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
10
µA
Low-level input current
10
µA
Input current for RESET
−20
µA
Input capacitance
4
pF
Digital Outputs(1)
Low-level output voltage
CLOAD = 10pF(2), fS = 105MSPS
0.3
V
High-level output voltage
CLOAD = 10pF(2), fS = 105MSPS
3.0
V
Output capacitance
3
pF
(1) For optimal performance, all digital output lines (D0:D11), including the output clock, should see a similar load.
(2) Equivalent capacitance to ground of (load + parasitics of transmission lines).


Similar Part No. - ADS5500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
[Old version datasheet]   14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5500 BURR-BROWN-ADS5500 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5500 BURR-BROWN-ADS5500 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5500 BURR-BROWN-ADS5500 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5500 TI1-ADS5500 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5521 TI1-ADS5521 Datasheet
698Kb / 36P
[Old version datasheet]   12-Bit, 105MSPS Analog-To-Digital Converter
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
logo
Linear Technology
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
   12-Bit,105Msps/ 80Msps ADCs
logo
Analog Devices
AD10201 AD-AD10201 Datasheet
762Kb / 20P
   DUAL-CHANNEL, 12-BIT 105MSPS IF SAMPLING A/D CONVERTER
REV. 0
logo
Linear Technology
LTC2222 LINER-LTC2222 Datasheet
832Kb / 28P
   12-Bit,105Msps/80Msps ADCs
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com