Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A553-0013-06 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # A553-0013-06
Description  T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

A553-0013-06 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  A553-0013-06 Datasheet HTML 1Page - Bel Fuse Inc. A553-0013-06 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
defining a degree of excellence
Corporate Office
Bel Fuse Inc.
198 Van Vorst Street, Jersey City, NJ 07302-4496
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: BelFuse@belfuse.com
Internet: http://www.belfuse.com
Far East Office
Bel Fuse Ltd.
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
European Office
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Preston PR1 8UD
Lancashire, U.K.
Tel: 44-1772-556601
Fax: 44-1772-888366
T1 CARRIER INTERFACE
TRANSFORMERS
3
16
15
14
12
1
2
11 10
9
7
5
3
6
4
8
Secondary
A
Primary
Secondary
C
14
13
12 11 10
2
1
5
6
7
Primary
Secondary
Primary
8
B
Primary
Secondary
Secondary
D
12
3
5
46
7
Primary
Secondary
Primary
Secondary
E
G
5
3
1
6
4
2
1
3
5
F
5
3
1
4
6
2
1
2
4
6
SCHEMATICS
3
41
2
34
56
7
14
12
13
11 10
98
9
5
2
4
6 K
Primary
14
13
12
11 10
9
8
Package Style DIL
Note: 0553-1167-00
is missing pins
4 and 11, and is 0.80"
long and 0.25" high
from seating plane.
bel
Date Code
Part Number
0.385(9.78)
Max
1.00(25.40)
Max
# 24 AWG
Solder Plated
0.10(2.54)
0.20(5.08)
MAX
0.20(5.08)
Min
0.30(7.62)
Dimensions are in inches(mm).
Dimension Tolerance is +/- 0.02(0.51)
unless otherwise specified.
MECHANICALS
Package Style (14/16 Pins)
0.10(2.54)
0.018(0.46)
Ref
0.80(20.30)
Max
0.12(3.05)
Min
bel
Part Number
0.29(7.37)
Max
0.28(7.11)
0.34(8.64)
0.010(0.25)
0.045(1.14)Ref
Cross Sectional View
0.20(5.08)
Max
0.23(5.84)
Max
Date Code
Note: For 14 Pin package, external package dimensions and pin
distances are identical. There are only seven pins per side.
0.325(8.26)
Package Style “T”
0.50(12.70)
Min
0.50(12.70)
Max
0.40(10.16)
0.10(2.54)
0.35(8.89)
Max
0.20(5.08)
0.25(6.35)
Max
Note: For 0553-0013-BC the
pin length is 0.120" +0.2/-0"
TM0006
T106


Similar Part No. - A553-0013-06

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
A553-0716-00 BEL-A553-0716-00 Datasheet
411Kb / 4P
   10BASE-TNETWORKCOMPONENTS
A553-0716-00 BEL-A553-0716-00 Datasheet
67Kb / 4P
   10BASE-T LAN MAGNETICS
A553-0716-00 BEL-A553-0716-00_1 Datasheet
67Kb / 4P
   10BASE-T LAN MAGNETICS
A553-0756-AB BEL-A553-0756-AB Datasheet
365Kb / 4P
   ISOLATIONTRANSFORMERS FORETHERNET
A553-0756-AB BEL-A553-0756-AB Datasheet
36Kb / 2P
   10BASE-T LAN MAGNETICS
More results

Similar Description - A553-0013-06

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-0013-00 BEL-S553-0013-00 Datasheet
78Kb / 1P
   SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
S553-0013-04 BEL-S553-0013-04 Datasheet
69Kb / 1P
   SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
logo
PCA ELECTRONICS INC.
EPR1541 PCA-EPR1541 Datasheet
47Kb / 1P
   T1/CEPT Line Interface Transformers
logo
Bel Fuse Inc.
0553-0013-1J BEL-0553-0013-1J Datasheet
34Kb / 2P
   T1/CEPT Dual Line Interface Transformers
logo
PCA ELECTRONICS INC.
EPA1064 PCA-EPA1064 Datasheet
126Kb / 1P
   T1/CEPT/ISDN-PRI Carrier Interface Transformers
EPA1071 PCA-EPA1071 Datasheet
91Kb / 1P
   T1/CEPT/ISDN-PRI Carrier Interface Transformers
logo
Bel Fuse Inc.
0553-6500-17 BEL-0553-6500-17 Datasheet
36Kb / 2P
   T1/CEPT Single Line Interface Transformers
logo
List of Unclassifed Man...
T-13811 ETC-T-13811 Datasheet
35Kb / 1P
   T1/CEPT Telecom Applications
logo
Rhombus Industries Inc.
T-13801 RHOMBUS-IND-T-13801 Datasheet
25Kb / 1P
   T1/CEPT Telecom Applications
logo
Allied Components Inter...
ATE-4207I ALLIED-ATE-4207I Datasheet
317Kb / 1P
   T1/E1/CEPT Line Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com