Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1117-33CDCYG3 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1117-33CDCYG3
Description  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1117-33CDCYG3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV1117-33CDCYG3 Datasheet HTML 7Page - Texas Instruments TLV1117-33CDCYG3 Datasheet HTML 8Page - Texas Instruments TLV1117-33CDCYG3 Datasheet HTML 9Page - Texas Instruments TLV1117-33CDCYG3 Datasheet HTML 10Page - Texas Instruments TLV1117-33CDCYG3 Datasheet HTML 11Page - Texas Instruments TLV1117-33CDCYG3 Datasheet HTML 12Page - Texas Instruments TLV1117-33CDCYG3 Datasheet HTML 13Page - Texas Instruments TLV1117-33CDCYG3 Datasheet HTML 14Page - Texas Instruments TLV1117-33CDCYG3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
APPLICATION INFORMATION
10
µF
(see Note C)
100
µF
(see Note A)
R1
R2
INPUT
OUTPUT
ADJ/GND
TLV1117 − ADJ
VO
VI
CADJ
(see Note B)
1N4002 (See Note D)
IADJ
VREF
Because IADJ typically is 55 µA, it is negligible in most applications.
V
OUT
+ VREF 1 )
R2
R1
) (IADJ
R2)
VOUT is calculated as:
TLV1117
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
SLVS561G – DECEMBER 2004 – REVISED APRIL 2006
A.
Output capacitor selection is critical for regulator stability. Larger COUT values benefit the regulator by improving
transient response and loop stability.
B.
CADJ can be used to improve ripple rejection. If CADJ is used, a COUT that is larger in value than CADJ must be used.
C.
CIN is recommended if TLV1117 is not located near the power-supply filter.
D.
An external diode is recommended to protect the regulator if the input instantaneously is shorted to GND.
E.
This device is designed to be stable with tantalum and aluminum electrolytic output capacitors having an ESR
between 0.2
Ω and 10 Ω.
Figure 1. Basic Adjustable Regulator
11
Submit Documentation Feedback


Similar Part No. - TLV1117-33CDCYG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117-33CDCYG3 TI1-TLV1117-33CDCYG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33CDCYG3 TI-TLV1117-33CDCYG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLV1117-33CDCYG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV1117 Adjustable and Fixed Low-Dropout Voltage Regulator
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Sipex Corporation
SPX2840 SIPEX-SPX2840 Datasheet
222Kb / 5P
   4A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com