Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAP50-04 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAP50-04
Description  General purpose PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP50-04 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAP50-04 Datasheet HTML 1Page - NXP Semiconductors BAP50-04 Datasheet HTML 2Page - NXP Semiconductors BAP50-04 Datasheet HTML 3Page - NXP Semiconductors BAP50-04 Datasheet HTML 4Page - NXP Semiconductors BAP50-04 Datasheet HTML 5Page - NXP Semiconductors BAP50-04 Datasheet HTML 6Page - NXP Semiconductors BAP50-04 Datasheet HTML 7Page - NXP Semiconductors BAP50-04 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 May 10
4
Philips Semiconductors
Preliminary specification
General purpose PIN diode
BAP50-04
GRAPHICAL DATA
Fig.2
Forward resistance as a function of the
forward current; typical values.
f = 100 MHz; Tj =25 °C.
handbook, halfpage
103
10
102
1
MGS317
10−2
10−1
110
IF (mA)
r
D
(
Ω)
Fig.3
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
103
102
MGS318
10−1
110
102
VR (V)
Cd
(fF)
Fig.4
Insertion loss (
|S21|2) of the diode in on-state
as a function of frequency; typical values.
handbook, halfpage
0.5
3
f (GHz)
|S21|
2
(dB)
0
−5
−4
MGS319
−3
−2
−1
1
(1)
(2)
(3)
1.5
2
2.5
(1) IF =10mA.
(2) IF = 1 mA.
(3) IF = 0.5 mA.
Diode inserted in series with a 50
Ω stripline circuit and
biased via the analyzer Tee network.
Tamb =25 °C.
Fig.5
Isolation (
|S21|2) of the diode in off-state as a
function of frequency; typical values.
Diode zero biased and inserted in series with a 50
Ω stripline circuit.
Tamb =25 °C.
handbook, halfpage
0.5
3
f (GHz)
|S21|
2
(dB)
0
−25
−20
MGS320
−15
−10
−5
1
1.5
2
2.5


Similar Part No. - BAP50-04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP50-04 PHILIPS-BAP50-04 Datasheet
52Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-04 NXP-BAP50-04 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP50-04W PHILIPS-BAP50-04W Datasheet
60Kb / 8P
   General purpose PIN diode
2001 Jan 29
BAP50-04W NXP-BAP50-04W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP50-04W NXP-BAP50-04W Datasheet
197Kb / 9P
   Silicon PIN diode
Rev. 3.1
More results

Similar Description - BAP50-04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com