Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1117-18CDRJRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV1117-18CDRJRG4
Description  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1117-18CDRJRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV1117-18CDRJRG4 Datasheet HTML 1Page - Texas Instruments TLV1117-18CDRJRG4 Datasheet HTML 2Page - Texas Instruments TLV1117-18CDRJRG4 Datasheet HTML 3Page - Texas Instruments TLV1117-18CDRJRG4 Datasheet HTML 4Page - Texas Instruments TLV1117-18CDRJRG4 Datasheet HTML 5Page - Texas Instruments TLV1117-18CDRJRG4 Datasheet HTML 6Page - Texas Instruments TLV1117-18CDRJRG4 Datasheet HTML 7Page - Texas Instruments TLV1117-18CDRJRG4 Datasheet HTML 8Page - Texas Instruments TLV1117-18CDRJRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
TLV1117
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
SLVS561G – DECEMBER 2004 – REVISED APRIL 2006
TLV1117C ORDERING INFORMATION
TA
VO TYP
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – DRJ
Reel of 1000
TLV1117-15CDRJR
ZYH
Tube of 80
TLV1117-15CDCY
1.5 V
SOT-223 – DCY
T2
Reel of 2500
TLV1117-15CDCYR
TO-252 – KVU
Reel of 2500
TLV1117-15CKVUR
ZE15
QFN – DRJ
Reel of 1000
TLV1117-18CDRJR
ZYK
Tube of 80
TLV1117-18CDCY
1.8 V
SOT-223 – DCY
T4
Reel of 2500
TLV1117-18CDCYR
TO-252 – KVU
Reel of 2500
TLV1117-18CKVUR
ZE18
QFN – DRJ
Reel of 1000
TLV1117-25CDRJR
ZYM
Tube of 80
TLV1117-25CDCY
2.5 V
SOT-223 – DCY
T6
Reel of 2500
TLV1117-25CDCYR
TO-252 – KVU
Reel of 2500
TLV1117-25CKVUR
ZE25
QFN – DRJ
Reel of 1000
TLV1117-33CDRJR
ZYP
0
°C to 125°C
Tube of 80
TLV1117-33CDCY
3.3 V
SOT-223 – DCY
V3
Reel of 2500
TLV1117-33CDCYR
TO-252 – KVU
Reel of 2500
TLV1117-33CKVUR
ZE33
QFN – DRJ
Reel of 1000
TLV1117-50CDRJR
ZE50
Tube of 80
TLV1117-50CDCY
5 V
SOT-223 – DCY
VT
Reel of 2500
TLV1117-50CDCYR
TO-252 – KVU
Reel of 2500
TLV1117-50CKVUR
ZE50
PowerFLEX™– KTE
Reel of 2000
TLV1117CKTER
TLV1117C
PowerFLEX/TO-252(2) – KTP
Reel of 2000
TLV1117CKTPR
TV1117
QFN – DRJ
Reel of 1000
TLV1117CDRJR
ZYS
ADJ
Tube of 80
TLV1117CDCY
SOT-223 – DCY
V4
Reel of 2500
TLV1117CDCYR
TO-220 – KCS
Tube of 50
TLV1117CKCS
TLV1117C
TO-252 – KVU
Reel of 2500
TLV1117CKVUR
TV1117
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
Complies with TO-252, variation AC
2
Submit Documentation Feedback


Similar Part No. - TLV1117-18CDRJRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117-18CDRJRG4 TI-TLV1117-18CDRJRG4 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLV1117-18CDRJRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV1117 Adjustable and Fixed Low-Dropout Voltage Regulator
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Sipex Corporation
SPX2840 SIPEX-SPX2840 Datasheet
222Kb / 5P
   4A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com