Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCB80C51BH-4WP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCB80C51BH-4WP
Description  CMOS single-chip 8-bit microcontrollers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB80C51BH-4WP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCB80C51BH-4WP Datasheet HTML 6Page - NXP Semiconductors PCB80C51BH-4WP Datasheet HTML 7Page - NXP Semiconductors PCB80C51BH-4WP Datasheet HTML 8Page - NXP Semiconductors PCB80C51BH-4WP Datasheet HTML 9Page - NXP Semiconductors PCB80C51BH-4WP Datasheet HTML 10Page - NXP Semiconductors PCB80C51BH-4WP Datasheet HTML 11Page - NXP Semiconductors PCB80C51BH-4WP Datasheet HTML 12Page - NXP Semiconductors PCB80C51BH-4WP Datasheet HTML 13Page - NXP Semiconductors PCB80C51BH-4WP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Philips Semiconductors
Product specification
80C31/80C51/87C51
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
10
Electrical Deviations from Commercial Specifications for Extended Temperature Range (87C51)
DC and AC parameters not included here are the same as in the commercial temperature range table.
DC ELECTRICAL CHARACTERISTICS
Tamb = –40°C to +85°C, VCC = 5V ±10%, VSS = 0V (Philips North America SC87C51);
For SC87C51 (33MHz only), Tamb = 0°C to +70°C, VCC = 5V ±5%
Tamb = –40°C to +85°C, VCC = 5V ±10%, VSS = 0V (PCB80C31/51 and PCF80C31/51 Philips Parts Only)
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VIL
Input low voltage, except EA (Philips North America)
–0.5
0.2VCC–0.15
V
VIL
Input low voltage, except EA (Philips)
–0.5
0.2VCC–0.25
V
VIL1
Input low voltage to EA
–0.5
0.2VCC–0.45
V
VIH
Input high voltage, except XTAL1, RST
0.2VCC+1
VCC+0.5
V
VIH1
Input high voltage to XTAL1, RST
0.7VCC+0.1
VCC+0.5
V
IIL
Logical 0 input current, ports 1, 2, 3
VIN = 0.45V
–75
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3
VIN = 2.0V
–750
µA
ICC
Power supply current:
VCC = 4.5–5.5V
CC
Active mode1 @ 16MHz (Philips PCB80C31/51, PCF80C31/51)
25
mA
Active mode @ 12MHz (Philips North America SC87C51)
20
mA
Idle mode2 @ 16MHz (Philips PCB80C31/51, PCF80C31/51)
6.5
mA
Idle mode @ 12MHz (Philips North America SC87C51)
5
mA
Power-down mode3 (Philips PCB80C31/51, PCF80C31/51)
75
µA
Power-down mode (Philips North America SC87C51)
50
µA
NOTES:
1. The operating supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 10ns; VIL = VSS + 0.5V;
VIH = VCC – 0.5V; XTAL2 not connected; EA = RST = Port 0 = VCC.
2. The idle mode supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 10ns; VIL = VSS + 0.5V;
VIH = VCC – 0.5V; XTAL2 not connected; EA = Port 0 = VCC; RST = VSS.
3. The power-down current is measured with all output pins disconnected, XTAL2 not connected, EA = Port 0 = VCC; RST = VSS.
ABSOLUTE MAXIMUM RATINGS1, 2, 3
PARAMETER
RATING
UNIT
Operating temperature under bias
0 to +70 or –40 to +85
°C
Storage temperature range
–65 to +150
°C
Voltage on EA/VPP pin to VSS
0 to +13.0
V
Voltage on any other pin to VSS
–0.5 to +6.5
V
Maximum IOL per I/O pin
15
mA
Power dissipation (based on package heat transfer limitations, not device power consumption)
1.5
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.


Similar Part No. - PCB80C51BH-4WP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCB80C552 PHILIPS-PCB80C552 Datasheet
185Kb / 23P
   Single-chip 8-bit microcontroller
2002 Sep 03
PCB80C552 PHILIPS-PCB80C552 Datasheet
188Kb / 24P
   Single-chip 8-bit microcontroller
1998 Aug 13
PCB80C562-16WP PHILIPS-PCB80C562-16WP Datasheet
199Kb / 20P
   Single-chip 8-bit microcontroller
1992 Jan 08
More results

Similar Description - PCB80C51BH-4WP

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com