Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2776A Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2776A
Description  ISDN MAGNETICS Single S Interface Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2776A Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2776A Datasheet HTML 1Page - Bel Fuse Inc. 2776A Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISDN MAGNETICS
©1999 Bel Fuse Inc. Specifications subject to change without notice.
TM99AA
Single S Interface Transformer
SCHEMATIC
ELECTRICALS at 25° C
1
3
2
4
CT
Primary
Secondary
8
6
Approved for use with Lucent Technologies chip sets for
S/T interface European ISDN applications
UL, TUV and VDE approved
Meets requirements for pulse template and impedance
template according to ITU-T (CCITT I.430)
Minimum interwinding breakdown voltage of 3000 Vrms
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
&
3
±
y
r
a
m
i
r
P
*
e
c
n
a
t
c
u
d
n
I
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
d
e
t
u
b
i
r
t
s
i
D
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
i
r
P
c
e
S
A
6
7
7
25
.
2
:
10
.
2
20
.
55
5
.
15
7
.
80
0
10
0
1
c
a
V
1
.
0
,
z
H
k
1
t
a
d
e
r
u
s
a
e
M
*
r
e
b
m
u
N
t
r
a
P
s
C
I
r
e
v
i
e
c
s
n
a
r
T
e
l
b
i
t
a
p
m
o
C
r
f
M
C
I
r
e
b
m
u
N
t
r
a
P
C
I
A
6
7
7
2t
n
e
c
u
L
C
0
5
2
7
T
6
5
2
7
T
4
3
2
7
T


Similar Part No. - 2776A

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2776 KR-2776 Datasheet
50Kb / 2P
   Sharp Transition to Stopband
logo
Heyco.
2776 HEYCO-2776 Datasheet
111Kb / 1P
   Vent Plugs and Thick Panel Vent Plugs
logo
PHOENIX CONTACT
2776032 PHOENIX-2776032 Datasheet
64Kb / 4P
   Component terminal block - UDK 4-DUR 5K1
2776044 PHOENIX-2776044 Datasheet
56Kb / 4P
   Feed-through terminal block - UDK 4-MTK-P/P MIT SPERRE
logo
Bel Fuse Inc.
2776C BEL-2776C Datasheet
27Kb / 2P
   HDSL MAGNETICS Transformer
More results

Similar Description - 2776A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2768A BEL-2768A Datasheet
29Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformer
S559-6204-12 BEL-S559-6204-12 Datasheet
29Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
2805A BEL-2805A Datasheet
25Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
2771J BEL-2771J Datasheet
29Kb / 2P
   ISDN MAGNETICS UPO Interface Transformer
S559-6204-22 BEL-S559-6204-22 Datasheet
64Kb / 4P
   ISDN MAGNETICS UPO Interface Transformer
2809B BEL-2809B Datasheet
28Kb / 2P
   ISDN MAGNETICS Global U Interface Transformer
logo
PCA ELECTRONICS INC.
EPR1205G PCA-EPR1205G Datasheet
25Kb / 1P
   ISDN S-Interface Transformer
logo
Rhombus Industries Inc.
T-13400 RHOMBUS-IND-T-13400 Datasheet
20Kb / 1P
   ISDN S Interface Transformer
T-13404 RHOMBUS-IND-T-13404 Datasheet
21Kb / 1P
   ISDN S Interface Transformer
T-10455 RHOMBUS-IND-T-10455 Datasheet
25Kb / 1P
   ISDN S Interface Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com