Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2754G2 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2754G2
Description  ISDN MAGNETICS U Interface Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2754G2 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2754G2 Datasheet HTML 1Page - Bel Fuse Inc. 2754G2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISDN MAGNETICS
©1999 Bel Fuse Inc. Specifications subject to change without notice. 11.99
TM9934
T320
U Interface Transformers
SCHEMATIC
ELECTRICAL SPECIFICATIONS at 25° C
Primary
Secondary
9
6
10
7
1
5
CT
Compatible with various Lucent transceiver ICs
UL and CSA approved
Water-soluable flux and total-immersion cleaning
compatible
Qualified per Bellcore TR-TSY-000357-1
r
e
b
m
u
N
t
r
a
P
s
C
I
r
e
v
i
e
c
s
n
a
r
T
e
l
b
i
t
a
p
m
o
C
r
f
M
C
I
r
e
b
m
u
N
t
r
a
P
C
I
2
G
4
5
7
2t
n
e
c
u
L
2
6
2
7
T
3
6
2
7
T
2
H
4
5
7
2
t
n
e
c
u
L
4
3
2
7
T
7
3
2
7
T
6
5
2
7
T
4
6
2
7
T
2
J
4
5
7
2
2
K
4
5
7
2
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
*
e
c
n
a
t
c
u
d
n
I
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
x
a
m
n
o
i
t
a
l
o
s
I
s
m
r
V
n
i
m
i
r
P
c
e
S
2
G
4
5
7
25
.
2
:
10
.
2
16
.
5
20
5
.
20
2
.
2
10
0
0
1
2
H
4
5
7
25
.
1
:
0
.
10
.
7
72
7
10
6
.
55
5
.
3
10
0
0
1
2
J
4
5
7
25
.
1
:
0
.
10
.
7
72
7
15
3
.
75
6
.
3
10
0
0
1
2
K
4
5
7
25
.
1
:
0
.
10
.
7
72
7
10
4
.
70
4
.
7
10
0
5
1
c
a
V
1
.
0
,
z
H
k
1
t
a
d
e
r
u
s
a
e
M
*
2754G2
2754H2
2754J2
2754K2


Similar Part No. - 2754G2

ManufacturerPart #DatasheetDescription
logo
Heyco.
2754 HEYCO-2754 Datasheet
105Kb / 1P
   Dome Plugs
logo
List of Unclassifed Man...
27541 ETC2-27541 Datasheet
171Kb / 1P
   Wiha Precision ESD Safe Hex Drivers
27543 ETC2-27543 Datasheet
171Kb / 1P
   Wiha Precision ESD Safe Hex Drivers
logo
PHOENIX CONTACT
2754309 PHOENIX-2754309 Datasheet
144Kb / 5P
   INTERBUS-ST analog input module, 4 inputs, 0 - 20 mA, 0 - 10 V, IP20 protection, consisting of: Terminal part with screw connection and module electronics
2754338 PHOENIX-2754338 Datasheet
155Kb / 5P
   INTERBUS-ST digital input module, 16 inputs, 24 V DC, 4-wire connection method, IP20 protection, consisting of: Terminal part with screw connection and module electronics
More results

Similar Description - 2754G2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2754H2 BEL-2754H2 Datasheet
29Kb / 2P
   ISDN MAGNETICS U Interface Transformers
S559-6204-06 BEL-S559-6204-06 Datasheet
32Kb / 2P
   ISDN MAGNETICS U Interface Surface Mount Transformers
0559-6204-08 BEL-0559-6204-08 Datasheet
31Kb / 2P
   ISDN MAGNETICS U Interface Through Hole Transformers
logo
Rhombus Industries Inc.
T-1049 RHOMBUS-IND-T-1049 Datasheet
30Kb / 1P
   ISDN TRANSFORMERS "U" INTERFACE
logo
Bel Fuse Inc.
0559-5683-00 BEL-0559-5683-00 Datasheet
54Kb / 1P
   ISDN U INTERFACE TRANSFORMERS
logo
Pulse A Technitrol Comp...
T4008 PULSE-T4008 Datasheet
81Kb / 1P
   ISDN U-INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-13207 RHOMBUS-IND-T-13207 Datasheet
36Kb / 1P
   ISDN U-Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1101 PCA-EPR1101 Datasheet
27Kb / 1P
   ISDN U Interface Transformers
EPR1166 PCA-EPR1166 Datasheet
39Kb / 1P
   ISDN U Interface Transformers
EPR1102 PCA-EPR1102 Datasheet
51Kb / 1P
   ISDN U Interface Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com