Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2741G Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2741G
Description  HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2741G Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2741G Datasheet HTML 1Page - Bel Fuse Inc. 2741G Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
TM00123
HIGH FREQUENCY MAGNETICS
T1/E1 Through Hole Shielded Transformers
T1-51
SCHEMATICS
ELECTRICAL SPECIFICATIONS at 25° C
2741B
2741B2
2741G
2741G2
2741C
2741C2
2741H
2741H2
5
6
7
4
3
2
S
1
Primary
Secondary
Designed for DS1, DS1C, and CEPT applications
Electrostatic shield provides improved longitudinal
signal suppression and EMI reduction
Maximum inductance unbalance of center-tapped
windings is 0.1%
Primary
Secondary
3
6
4
5
7
2
S
1
CT
Operating temperature range: -40° C to +85° C
Meets IEC 695, 2-2 flammability requirements
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
Reliability testing: Shock, vibration, temperature cycling,
temperature - humidity - bias
r
e
b
m
u
N
t
r
a
P
1
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
2
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
3
x
a
m
F
p
m
u
m
i
n
i
M
g
n
i
d
n
i
w
r
e
t
n
I
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
s
m
r
V
d
e
d
l
e
i
h
S
-
n
o
N
n
o
i
s
r
e
V
c
e
S
:
i
r
P
i
r
P
c
e
S
B
1
4
7
2T
C
2
:
T
C
15
.
45
.
47
.
32
.
70
10
0
0
12
F
A
5
4
7
2
2
B
1
4
7
2T
C
2
:
T
C
15
.
45
.
47
.
32
.
70
10
0
0
12
F
A
5
4
7
2
G
1
4
7
2T
C
2
:
T
C
15
1
.
35
.
69
.
14
.
454
0
5
82
F
A
5
4
7
2
2
G
1
4
7
2T
C
2
:
T
C
15
1
.
35
.
69
.
14
.
454
0
5
82
F
A
5
4
7
2
C
1
4
7
2T
C
6
3
.
1
:
12
9
.
01
.
15
7
.
05
0
.
10
10
0
0
12
A
C
5
4
7
2
2
C
1
4
7
2T
C
6
3
.
1
:
12
9
.
01
.
15
7
.
05
0
.
10
10
0
0
12
A
C
5
4
7
2
H
1
4
7
2T
C
7
3
.
1
:
12
9
.
05
.
23
8
.
03
4
.
154
0
5
82
A
C
5
4
7
2
2
H
1
4
7
2T
C
7
3
.
1
:
12
9
.
05
.
23
8
.
03
4
.
154
0
5
82
A
C
5
4
7
2
)
n
o
i
t
c
e
s
l
a
c
i
n
a
h
c
e
m
e
e
s
(
s
l
a
n
i
m
r
e
t
t
r
o
h
s
s
e
t
a
c
i
d
n
i
x
i
f
f
u
s
"
2
"
A
.
1
c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
2
d
e
d
n
u
o
r
g
1
l
a
n
i
m
r
e
t
h
t
i
w
.
3
e
s
u
t
o
n
o
d
;
8
l
a
n
i
m
r
e
t
o
t
n
o
i
t
c
e
n
n
o
c
l
a
n
r
e
t
n
i
n
a
s
i
e
r
e
h
T
.
4


Similar Part No. - 2741G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2741G2 BEL-2741G2 Datasheet
31Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformers
More results

Similar Description - 2741G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2741S BEL-2741S Datasheet
61Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2745H2 BEL-2745H2 Datasheet
43Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2741H2 BEL-2741H2 Datasheet
31Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformers
2745AF BEL-2745AF Datasheet
62Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745C BEL-2745C Datasheet
60Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2664AK BEL-2664AK Datasheet
27Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2745AJ2 BEL-2745AJ2 Datasheet
34Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2745F BEL-2745F Datasheet
62Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformers
2662K BEL-2662K Datasheet
50Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2741J BEL-2741J Datasheet
56Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com