Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2741G2 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 2741G2
Description  HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2741G2 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  2741G2 Datasheet HTML 1Page - Bel Fuse Inc. 2741G2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite F23, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©1999 Bel Fuse Inc. Specifications subject to change without notice. 06.99
TM9916
T131
HIGH FREQUENCY MAGNETICS
T1/E1 Single Through Hole Shielded Transformers
MECHANICAL
0.56 [14.22] max
0.35
[8.89]
max
0.110 [2.79]
0.023 [0.584] Sq typ
(Phosphor bronze,
solder-coated)
0.100 [2.54] centers
0.46
[11.69]
max
0.250
[6.35]
Terminal 1 ID
1
2
3
4
56
7
8
Note: Unless otherwise specified, dimensions
are nominal and in inches [millimeters].
2741G2
2741H2


Similar Part No. - 2741G2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2741G2 BEL-2741G2 Datasheet
60Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
More results

Similar Description - 2741G2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2741B BEL-2741B Datasheet
60Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2741S BEL-2741S Datasheet
61Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2745H2 BEL-2745H2 Datasheet
43Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2664AK BEL-2664AK Datasheet
27Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2745AJ2 BEL-2745AJ2 Datasheet
34Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2662K BEL-2662K Datasheet
50Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2745AF BEL-2745AF Datasheet
62Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745C BEL-2745C Datasheet
60Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745F BEL-2745F Datasheet
62Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformers
2745AK2 BEL-2745AK2 Datasheet
27Kb / 2P
   HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com