Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3813-0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UCC3813-0
Description  Low Power Economy BiCMOS Current Mode PWM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UCC3813-0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UCC3813-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers UCC3813-0 Datasheet HTML 2Page - List of Unclassifed Manufacturers UCC3813-0 Datasheet HTML 3Page - List of Unclassifed Manufacturers UCC3813-0 Datasheet HTML 4Page - List of Unclassifed Manufacturers UCC3813-0 Datasheet HTML 5Page - List of Unclassifed Manufacturers UCC3813-0 Datasheet HTML 6Page - List of Unclassifed Manufacturers UCC3813-0 Datasheet HTML 7Page - List of Unclassifed Manufacturers UCC3813-0 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
UCC2813-0/-1/-2/-3/-4/-5
UCC3813-0/-1/-2/-3/-4/-5
DIL-8 or SOIC-8 (TOP VIEW)
N or D PACKAGE
OUT
VCC
REF
GND
FB
COMP
CS
RC
1
2
3
4
8
7
6
5
CONNECTION DIAGRAMS
VCC Voltage (Note 2) ........................... 12.0V
VCC Current ................................. 30.0mA
OUT Current ..................................
±1.0A
OUT Energy (Capacitive Load) ................... 20.0
mJ
Analog Inputs (FB, CS) .................... –0.3V to 6.3V
Power Dissipation at TA < +25°C (N Package)......... 1.0W
Power Dissipation at TA < +25°C (D Package)........ 0.65W
Storage Temperature ...................–65
°C to +150°C
Junction Temperature ...................–55
°C to +150°C
Lead Temperature (Soldering, 10 Seconds)......... +300°C
ABSOLUTE MAXIMUM RATINGS (Note 1)
Note 1: All voltages are with respect to GND. All currents are
positive into the specified terminal. Consult Unitrode Integrated
Circuits databook for information regarding thermal specifica-
tions and limitations of packages.
Note 2: In normal operation VCC is powered through a current
limiting resistor. Absolute maximum of 12V applies when VCC
is driven from a low impedance source such that ICC does not
exceed 30mA. The resistor should be sized so that the VCC
voltage under operating conditions is below 12V but above the
turn off threshold.
COMP
FB
CS
RC
REF
VCC
OUT
GND
8
7
6
5
1
2
3
4
TSSOP-8 (TOP VIEW)
PW PACKAGE
UCC
PACKAGE
813
TEMPERATURE RANGE
PRODUCT OPTION
ORDERING INFORMATION
TEMPERATURE RANGE
PACKAGES
UCC2813
–40°C TO +85°C
N, D, PW
UCC3813
0°C TO +70°C
N, D, PW
ELECTRICAL CHARACTERISTICSUnless otherwise stated, these specifications apply for –40°C
£ TA £ +85°C for
UCC2813-x; 0°C
£ TA £ +70°C for UCC3813-x; VCC = 10V (Note 3); RT = 100k from REF to RC; CT=330pF from RC to GND;
0.1
mF capacitor from VCC to GND; 0.1mF capacitor from VREF to GND. TA =TJ.
PARAMETER
TEST CONDITIONS
UCC2813-x
UCC3813-x
UNITS
MIN
TYP
MAX
Reference Section
Output Voltage
TJ = +25°C, I = 0.2mA, UCCx813-0/-1/-2/-4
4.925
5.00
5.075
V
TJ = +25°C, I = 0.2mA, UCCx813-5
3.94
4.00
4.06
V
Load Regulation
0.2mA <I<5mA
10
30
mV
Total Variation
UCCx813 -0-1/-2/-4 (Note 7)
4.84
5.00
5.10
V
UCCx813-5 (Note 7)
3.84
4.00
4.08
V
Output Noise Voltage
10Hz
£ f £ 10kHz, TJ = +25°C (Note 9)
70
mV
Long Term Stability
TA = +125°C, 1000 Hours (Note 9)
5
mV
Output Short Circuit
–5
–35
mA
Oscillator Section
Oscillator Frequency
UCCx813-0/-1/-2/-4 (Note 4)
40
46
52
kHz
UCCx813-5 (Note 4)
26
31
36
kHz
Temperature Stability
(Note 9)
2.5
%
Amplitude Peak-to-Peak
2.25
2.40
2.55
V
Oscillator Peak Voltage
2.45
V


Similar Part No. - UCC3813-0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3813-0 TI-UCC3813-0 Datasheet
215Kb / 8P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC3813-0 TI1-UCC3813-0 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
More results

Similar Description - UCC3813-0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2813DTR-4 TI-UCC2813DTR-4 Datasheet
215Kb / 8P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC2813D-0 TI1-UCC2813D-0 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC2813D-5 TI1-UCC2813D-5 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC2813-0 TI1-UCC2813-0_13 Datasheet
4Mb / 25P
[Old version datasheet]   Low Power Economy BiCMOS Current Mode PWM
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com