Electronic Components Datasheet Search |
|
IDT2308A-2HDCG Datasheet(PDF) 2 Page - Integrated Device Technology |
|
IDT2308A-2HDCG Datasheet(HTML) 2 Page - Integrated Device Technology |
2 / 10 page 2 COMMERCIALANDINDUSTRIALTEMPERATURERANGES IDT2308A 3.3V ZERO DELAY CLOCK MULTIPLIER PIN CONFIGURATION SOIC/ TSSOP TOP VIEW REF CLKA1 S2 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 CLKA2 GND CLKB1 FBK CLKA4 GND S1 VDD VDD CLKB2 CLKB3 CLKB4 CLKA3 Symbol Rating Max. Unit VDD SupplyVoltageRange –0.5 to +4.6 V VI(2) InputVoltageRange(REF) –0.5 to +5.5 V VI InputVoltageRange –0.5to V (except REF) VDD+0.5 IIK (VI < 0) InputClampCurrent –50 mA IO ContinuousOutputCurrent ±50 mA (VO = 0 to VDD) VDD or GND ContinuousCurrent ±100 mA TA = 55°C Maximum Power Dissipation 0.7 W (instillair)(3) TSTG StorageTemperatureRange –65to+150 °C Operating CommercialTemperature 0 to +70 °C Temperature Range Operating IndustrialTemperature -40 to +85 °C Temperature Range NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 3. The maximum package power dissipation is calculated using a junction temperature of 150 °C and a board trace length of 750 mils. APPLICATIONS: • SDRAM • Telecom • Datacom • PC Motherboards/Workstations • Critical Path Delay Designs Pin Number FunctionalDescription REF (1) 1 InputReferenceClock,5VoltTolerantInput CLKA1(2) 2 Clock Output for Bank A CLKA2(2) 3 Clock Output for Bank A VDD 4 3.3V Supply GND 5 Ground CLKB1(2) 6 Clock Output for Bank B CLKB2(2) 7 Clock Output for Bank B S2(3) 8 Select Input, Bit 2 S1(3) 9 Select Input, Bit 1 CLKB3(2) 10 Clock Output for Bank B CLKB4(2) 11 Clock Output for Bank B GND 12 Ground VDD 13 3.3V Supply CLKA3(2) 14 Clock Output for Bank A CLKA4(2) 15 Clock Output for Bank A FBK 16 PLLFeedbackInput NOTES: 1. Weak pull down. 2. Weak pull down on all outputs. 3. Weak pull ups on these inputs. PIN DESCRIPTION ABSOLUTE MAXIMUM RATINGS(1) |
Similar Part No. - IDT2308A-2HDCG |
|
Similar Description - IDT2308A-2HDCG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |