Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2308A-4DC Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT2308A-4DC
Description  3.3V ZERO DELAY CLOCK MULTIPLIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2308A-4DC Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT2308A-4DC Datasheet HTML 2Page - Integrated Device Technology IDT2308A-4DC Datasheet HTML 3Page - Integrated Device Technology IDT2308A-4DC Datasheet HTML 4Page - Integrated Device Technology IDT2308A-4DC Datasheet HTML 5Page - Integrated Device Technology IDT2308A-4DC Datasheet HTML 6Page - Integrated Device Technology IDT2308A-4DC Datasheet HTML 7Page - Integrated Device Technology IDT2308A-4DC Datasheet HTML 8Page - Integrated Device Technology IDT2308A-4DC Datasheet HTML 9Page - Integrated Device Technology IDT2308A-4DC Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2308A
3.3V ZERO DELAY CLOCK MULTIPLIER
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
IDT
XXXXX
XX
X
Package
Process
Device Type
Blank
I
2308A-1
2308A-2
2308A-3
2308A-4
2308A-1H
2308A-2H
Commercial (0oC to +70oC)
Industrial (-40oC to +85oC)
Zero Delay Clock Buffer with Standard Drive
DC
DCG
PG
PGG
Small Outline
SOIC - Green
Thin Shrink Small Outline Package
TSSOP - Green
Zero Delay Clock Buffer with High Drive
}
}
Ordering Code
PackageType
Operating Range
IDT2308A-1DC
16-Pin SOIC
Commercial
IDT2308A-1DCG
16-Pin SOIC
Commercial
IDT2308A-1DCGI
16-Pin SOIC
Industrial
IDT2308A-1DCI
16-Pin SOIC
Industrial
IDT2308A-1HDC
16-Pin SOIC
Commercial
IDT2308A-1HDCG
16-Pin SOIC
Commercial
IDT2308A-1HDCGI
16-Pin SOIC
Industrial
IDT2308A-1HDCI
16-Pin SOIC
Industrial
IDT2308A-1HPG
16-Pin TSSOP
Commercial
IDT2308A-1HPGG
16-Pin TSSOP
Commercial
IDT2308A-1HPGGI
16-Pin TSSOP
Industrial
IDT2308A-1HPGI
16-Pin TSSOP
Industrial
IDT2308A-2DC
16-Pin SOIC
Commercial
IDT2308A-2DCG
16-Pin SOIC
Commercial
IDT2308A-2DCGI
16-Pin SOIC
Industrial
IDT2308A-2DCI
16-Pin SOIC
Industrial
IDT2308A-2HDC
16-Pin SOIC
Commercial
IDT2308A-2HDCI
16-Pin SOIC
Industrial
IDT2308A-3DC
16-Pin SOIC
Commercial
IDT2308A-3DCG
16-Pin SOIC
Commercial
IDT2308A-3DCGI
16-Pin SOIC
Industrial
IDT2308A-3DCI
16-Pin SOIC
Industrial
IDT2308A-4DC
16-Pin SOIC
Commercial
IDT2308A-4DCI
16-Pin SOIC
Industrial


Similar Part No. - IDT2308A-4DC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2308A-4DCG RENESAS-IDT2308A-4DCG Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308A-4DCGI RENESAS-IDT2308A-4DCGI Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
More results

Similar Description - IDT2308A-4DC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2308B IDT-IDT2308B Datasheet
295Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308_10 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Renesas Technology Corp
IDT2308A RENESAS-IDT2308A Datasheet
237Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
IDT2308 RENESAS-IDT2308 Datasheet
309Kb / 14P
   3.3V ZERO DELAY CLOCK MULTIPLIER
AUGUST 2012
logo
Integrated Device Techn...
IDT2308-1HDC8 IDT-IDT2308-1HDC8 Datasheet
171Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
IDT2308 IDT-IDT2308 Datasheet
144Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
2308B-1HDCG8 IDT-2308B-1HDCG8 Datasheet
134Kb / 13P
   3.3V ZERO DELAY CLOCK MULTIPLIER
logo
Fairchild Semiconductor
FMS7951 FAIRCHILD-FMS7951 Datasheet
73Kb / 8P
   Zero Delay Clock Multiplier
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com