Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3743MM-1000 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3743MM-1000
Description  N-Channel FET Synchronous Buck Controller for Low Output Voltages
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3743MM-1000 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3743MM-1000 Datasheet HTML 1Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 2Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 3Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 4Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 5Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 6Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 7Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 8Page - National Semiconductor (TI) LM3743MM-1000 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Connection Diagram
20177402
10-Lead Plastic MSOP
NS Package Number MUB10A
Top View
Ordering Information
Order Number
Frequency Option
Top Mark
NSC Package Drawing
Supplied As
LM3743MM-300
300 kHz
SKPB
MUB10A
1000 units in Tape and Reel
LM3743MMX-300
300 kHz
SKPB
MUB10A
3500 units in Tape and Reel
LM3743MM-1000
1 MHz
SKNB
MUB10A
1000 units in Tape and Reel
LM3743MMX-1000
1 MHz
SKNB
MUB10A
3500 units in Tape and Reel
Pin Descriptions
VCC (Pin 1) Supply rail for the controller section of the IC. A
minimum capacitance of 1 µF, preferably a multi-layer ce-
ramic capacitor type (MLCC), must be connected as close
as possible to the V
CC and GND pin anda1to 4.99
resistance must be connected in series from the supply rail
to the Vcc pin. See VCC FILTERING in the Design Consid-
eration section for further details.
LGATE (Pin 2) Gate drive for the low-side N-channel MOS-
FET. This signal is interlocked with HGATE to avoid a shoot-
through problem.
GND (Pin 3) Power ground (PGND) and signal ground
(SGND). Connect the bottom feedback resistor between this
pin and the feedback pin.
ILIM (Pin 4) Low side current limit threshold setting pin. This
pin sources a fixed 50 µA current. A resistor of appropriate
value should be connected between this pin and the drain of
the low-side N-FET.
FB (Pin 5) Feedback pin. This is the inverting input of the
error amplifier used for sensing the output voltage and com-
pensating the control loop.
COMP/EN (Pin 6) Output of the error amplifier and enable
pin. The voltage level on this pin is compared with an inter-
nally generated ramp signal to determine the duty cycle. This
pin is necessary for compensating the control loop. Forcing
this pin to ground will shut down the IC.
SS/TRACK (Pin 7) Soft-start and tracking pin. This pin is
connected to the non-inverting input of the error amplifier
during initial soft-start, or any time the voltage is below the
reference. To track the rising ramp of another power supply’s
output, connect a resistor divider from the output of that
supply to this pin as described in Application Information.
SW (Pin 8) Switch pin. The lower rail of the high-side N-FET
driver. Also used for the high side current limit sensing.
HGATE (Pin 9) Gate drive for the high-side N-channel MOS-
FET. This signal is interlocked with LGATE to avoid a shoot-
through problem.
BOOT (Pin 10) Supply rail for the N-channel MOSFET high
gate drive. The voltage should be at least one gate threshold
above the regulator input voltage to properly turn on the
high-side N-FET. See MOSFET Gate Drivers in the Applica-
tion Information section for more details on how to select
MOSFETs.
www.national.com
2


Similar Part No. - LM3743MM-1000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3743MM-1000 NSC-LM3743MM-1000 Datasheet
602Kb / 28P
   High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
logo
Texas Instruments
LM3743MM-1000/NOPB TI-LM3743MM-1000/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   High-Performance Synchronous Buck Controller with Comprehensive Fault Protection Features
More results

Similar Description - LM3743MM-1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com