Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1986BSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD1986BSTZ
Description  AC ??7 SoundMAX CODEC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986BSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1986BSTZ Datasheet HTML 7Page - Analog Devices AD1986BSTZ Datasheet HTML 8Page - Analog Devices AD1986BSTZ Datasheet HTML 9Page - Analog Devices AD1986BSTZ Datasheet HTML 10Page - Analog Devices AD1986BSTZ Datasheet HTML 11Page - Analog Devices AD1986BSTZ Datasheet HTML 12Page - Analog Devices AD1986BSTZ Datasheet HTML 13Page - Analog Devices AD1986BSTZ Datasheet HTML 14Page - Analog Devices AD1986BSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
AD1986
Rev. 0 | Page 11 of 52
BIT_CLK
SYNC
SDATA_IN
SDATA_OUT
tRISECLK
tFALLCLK
tRISESYNC
tFALLSYNC
tRISEDIN
tFALLDIN
tRISEDOUT
tFALLDOUT
Figure 7. Signal Rise and Fall Tim
ble 19.
mbol
Min
Typ
it
es
Ta
Sy
Parameter
Max
Un
tRISECLK
4
6
BIT_CLK Rise Time
2
nS
tFALLCLK
2
4
BIT_CLK Fall Time
6
nS
tRISESYNC
SYNC Rise Time
2
4
6
nS
tRISESYNC
SYNC Fall Time
2
4
6
nS
tRISEDIN
SDATA_IN Rise Time
2
4
6
nS
tRISEDIN
SDATA_IN Fall Time
2
4
6
nS
tRISEDOUT
SDATA_OUT Rise Time
2
4
6
nS
tRISEDOUT
SDATA_OUT Fall Time
2
4
6
nS
BIT_CLK
SDATA_OUT
SDATA_IN
SYNC
tCO
tSETUP
VIH
VIL
VOH
VOL
tHOLD
Figure 8. Link Low Power Mode Timing (Detail)
Table 20.
Symbol
Parameter
Min
Typ
Max
Unit
tCO
Propagation Delay
25
nS
tSETUP
Setup to Falling Edge of BIT_CLK
4
nS
tHOLD
Hold from Falling Edge of BIT_CLK
3
nS
VIH
Digital Signal High Level Input Voltage
0.65 DVDD
V
VIL
Digital Signal Low Level Input Voltage
0.35 DVDD
V
VOH
Digital Signal High Level Output Voltage
0.9 DVDD
V
VOL
Digital Signal Low Level Output Voltage
0.1 DVDD
V


Similar Part No. - AD1986BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ AD-AD1986ABSTZ Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986ABSTZ-REEL AD-AD1986ABSTZ-REEL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP AD-AD1986AJCP Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1986AJCP-RL AD-AD1986AJCP-RL Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
More results

Similar Description - AD1986BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
   AC ??7 SoundMAX Codec
REV. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com