Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1986A Datasheet(PDF) 9 Page - Analog Devices

Part # AD1986A
Description  AC ??7 and HD Audio SoundMAX Codec
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986A Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1986A Datasheet HTML 5Page - Analog Devices AD1986A Datasheet HTML 6Page - Analog Devices AD1986A Datasheet HTML 7Page - Analog Devices AD1986A Datasheet HTML 8Page - Analog Devices AD1986A Datasheet HTML 9Page - Analog Devices AD1986A Datasheet HTML 10Page - Analog Devices AD1986A Datasheet HTML 11Page - Analog Devices AD1986A Datasheet HTML 12Page - Analog Devices AD1986A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
AD1986A
Rev. 0 | Page 9 of 56
ABSOLUTE MAXIMUM RATINGS
Table 14.
Power Supply
Min
Max
Unit
Digital (DVDD)
−0.3
+3.6
V
Analog (AVDD)
−0.3
+6.0
V
Input Current (Except Supply Pins)
±10.0
mA
Analog Input Voltage (Signal Pins)
−0.3
AVDD + 0.3
V
Digital Input Voltage (Signal Pins)
−0.3
DVDD + 0.3
V
Ambient Temperature (Operating)
Commercial
Industrial
0
–40
+70
+85
°C
Storage Temperature
−65
+150
°C
Stresses greater than those listed under Absolute Maximum
Ratings can cause permanent damage to the device. This is a
stress rating only, functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect
device reliability.
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating
TAMB = TCASE − (PD × θCA)
TCASE = case temperature in °C
PD = power dissipation in W
θCA = thermal resistance (case-to-ambient)
θJA = thermal resistance (junction-to-ambient)
θJC = thermal resistance (junction-to-case)
Table 15. Thermal Resistance
Package
θJA
θJC
θCA
LQFP
48°C/W
17°C/W
31°C/W
LFCSP
47°C/W
15°C/W
32°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD1986A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
More results

Similar Description - AD1986A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
   AC 97 and HD Audio SoundMAX Codec
REV. 0
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com