Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9259BCPZRL-50 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9259BCPZRL-50
Description  Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259BCPZRL-50 Datasheet(HTML) 4 Page - Analog Devices

  AD9259BCPZRL-50 Datasheet HTML 1Page - Analog Devices AD9259BCPZRL-50 Datasheet HTML 2Page - Analog Devices AD9259BCPZRL-50 Datasheet HTML 3Page - Analog Devices AD9259BCPZRL-50 Datasheet HTML 4Page - Analog Devices AD9259BCPZRL-50 Datasheet HTML 5Page - Analog Devices AD9259BCPZRL-50 Datasheet HTML 6Page - Analog Devices AD9259BCPZRL-50 Datasheet HTML 7Page - Analog Devices AD9259BCPZRL-50 Datasheet HTML 8Page - Analog Devices AD9259BCPZRL-50 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
AD9259
Rev. 0 | Page 4 of 52
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 2.
AD9259-50
Parameter1
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
Full
73.5
dB
fIN = 19.7 MHz
Full
71.0
73.0
dB
fIN = 70 MHz
Full
72.8
dB
SIGNAL-TO-NOISE AND DISTORTION RATIO (SINAD)
fIN = 2.4 MHz
Full
72.7
dB
fIN = 19.7 MHz
Full
70.2
72.2
dB
fIN = 70 MHz
Full
72.0
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
Full
12.0
Bits
fIN = 19.7 MHz
Full
11.6
11.9
Bits
fIN = 70 MHz
Full
11.9
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 2.4 MHz
Full
84
dBc
fIN = 19.7 MHz
Full
73
84
dBc
fIN = 70 MHz
Full
78
dBc
WORST HARMONIC (Second or Third)
fIN = 2.4 MHz
Full
−88
dBc
fIN = 19.7 MHz
Full
−84
−73
dBc
fIN = 70 MHz
Full
−78
dBc
WORST OTHER (Excluding Second or Third)
fIN = 2.4 MHz
Full
−90
dBc
fIN = 19.7 MHz
Full
−90
−80
dBc
fIN = 70 MHz
Full
−88
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)—
AIN1 AND AIN2 = −7.0 dBFS
fIN1 = 15 MHz,
fIN2 = 16 MHz
25°C
80.0
dBc
fIN1 = 70 MHz,
fIN2 = 71 MHz
25°C
80.0
dBc
1 See the AN-835 Application Note, “Understanding High Speed ADC Testing and Evaluation,” for a complete set of definitions and how these tests were completed.


Similar Part No. - AD9259BCPZRL-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9259 AD-AD9259 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9259-50EB1 AD-AD9259-50EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9259-50EBZ AD-AD9259-50EBZ Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9259ABCPZ-50 AD-AD9259ABCPZ-50 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9259ABCPZRL7-50 AD-AD9259ABCPZRL7-50 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
More results

Similar Description - AD9259BCPZRL-50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com