Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADIS16003CCCZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16003CCCZ
Description  Dual-Axis 짹1.7 g Accelerometer with SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16003CCCZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16003CCCZ Datasheet HTML 1Page - Analog Devices ADIS16003CCCZ Datasheet HTML 2Page - Analog Devices ADIS16003CCCZ Datasheet HTML 3Page - Analog Devices ADIS16003CCCZ Datasheet HTML 4Page - Analog Devices ADIS16003CCCZ Datasheet HTML 5Page - Analog Devices ADIS16003CCCZ Datasheet HTML 6Page - Analog Devices ADIS16003CCCZ Datasheet HTML 7Page - Analog Devices ADIS16003CCCZ Datasheet HTML 8Page - Analog Devices ADIS16003CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADIS16003
Rev. 0 | Page 4 of 16
TIMING SPECIFICATIONS
TA = –40°C to +125°C, acceleration = 0 g, unless otherwise noted.
Table 2.
Parameter1, 2
VCC = 3.3
VCC = 5
Unit
Description
fSCLK3
10
10
kHz min
2
2
MHz max
tCONVERT
14.5 tSCLK
14.5 tCSLK
tACQ
1.5 tSCLK
1.5 tSCLK
Throughput time = tCONVERT + tACQ = 16 tSCLK
t1
10
10
ns min
TCS/CS to SCLK setup time
t24
60
30
ns max
Delay from TCS/CS until DOUT three-state disabled
t34
100
75
ns max
Data access time after SCLK falling edge
t4
20
20
ns min
Data setup time prior to SCLK rising edge
t5
20
20
ns min
Data hold time after SCLK rising edge
t6
0.4 × tSCLK
0.4 x tSCLK
ns min
SCLK high pulse width
t7
0.4 × tSCLK
0.4 x tSCLK
ns min
SCLK low pulse width
t85
80
80
ns max
TCS/CS rising edge to DOUT high impedance
t9
5
5
μs typ
Power-up time from shutdown
1 Guaranteed by design. All input signals are specified with tr and tf = 5 ns (10% to 90% of VCC) and timed from a voltage level of 1.6 V. The 3.3 V operating range spans
from 3.0 V to 3.6 V. The 5 V operating range spans from 4.75 V to 5.25 V.
2 See Figure 3 and Figure 4.
3 Mark/space ratio for the SCLK input is 40/60 to 60/40.
4 Measured with the load circuit in Figure 2 and defined as the time required for the output to cross 0.4 V or 2.0 V with VCC = 3.3 V and time for an output to cross 0.8 V or
2.4 V with VCC = 5.0 V.
5 t8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit in Figure 2. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.


Similar Part No. - ADIS16003CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16003 AD-ADIS16003 Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16003 AD-ADIS16003 Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
ADIS16003/PCBZ AD-ADIS16003/PCBZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16003PCBZ AD-ADIS16003PCBZ Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16003PCBZ AD-ADIS16003PCBZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16003CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
Analog Devices
ADIS16006 AD-ADIS16006 Datasheet
391Kb / 16P
   Dual-Axis -5 Accelerometer with SPI Interface
REV. 0
AD22293Z AD-AD22293Z Datasheet
618Kb / 16P
   Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
REV. D
logo
MEMSIC Semiconductor (T...
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXA2500G ETC1-MXA2500G Datasheet
335Kb / 8P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs
MXD2020G ETC1-MXD2020G Datasheet
144Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com