Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1185 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1185
Description  Quad Voltage Monitor and Sequencer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1185 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1185 Datasheet HTML 4Page - Analog Devices ADM1185 Datasheet HTML 5Page - Analog Devices ADM1185 Datasheet HTML 6Page - Analog Devices ADM1185 Datasheet HTML 7Page - Analog Devices ADM1185 Datasheet HTML 8Page - Analog Devices ADM1185 Datasheet HTML 9Page - Analog Devices ADM1185 Datasheet HTML 10Page - Analog Devices ADM1185 Datasheet HTML 11Page - Analog Devices ADM1185 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM1185
Preliminary Technical Data
Rev. PrK | Page 8 of 12
OUT1
OUT2
OUT3
2.5V OUT
1.8V OUT
PWRGD
VIN4
VIN2
VIN3
POWER
GOOD
EN
Regulator1
3.3V IN
EN
OUT
IN
2.5V OUT
EN
OUT
IN
1.8V OUT
OUT
IN
GND
1.2V OUT
1.2V OUT
Regulator2
Regulator3
VCC
VIN1
ADM1185
Figure 5. Applications Diagram showing ADM1185 in a voltage monitoring and sequencing application
State1
IN1=FAULT
IN1=OK
(Delay=100ms min)
IN1=FAULT
IN1=FAULT
IN1=FAULT
Start
State2
State3
State4
State5
OUT1
On
IN2=OK
IN3=OK
IN4=OK
(Delay=100ms min)
OUT1,2
On
OUT1,2,3
On
PWRGD
IN2.IN3.IN3=FAULT
Figure 6. Flow Diagram highlighting the different modes of operation o the logical core
State
State Name
OUT1
OUT2
OUT3
OUT4
Next Event
Next State
1
Reset*
0
0
0
0
IN1 High for 190ms
Out1 On
2
Out1 On
1
0
0
0
IN1 and IN2 High for 30us
Out1,2 On
3
Out1,2 On
1
1
0
0
IN1 and IN3 High for 30us
Out1,2,3 On
4
Out1,2,3 On
1
1
1
0
All High for 190ms
PowerGood
IN2 or IN3 or IN4 Low for
30us
Out1,2,3 On
5
PowerGood
1
1
1
1
IN1 Low for 30 us
Start
Table 4. Truth table


Similar Part No. - ADM1185

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185ARMZ-1 AD-ADM1185ARMZ-1 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185ARMZ-1REEL7 AD-ADM1185ARMZ-1REEL7 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
More results

Similar Description - ADM1185

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com