Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2128 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM2128
Description  T-1 Wire Terminal (standard)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM2128 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM2128 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T-1 Wire Terminal (standard)
C-2R
C-2F
C-2R
C-2R
C-2R
C-2R
100,000
10,000
5,000
10,000
10,000
5,000
.030
.020
.020
.001
.100
.210
.060
.024
.015
.013
.100
.320
3.0
3.0
3.0
3.0
2.50
2.50
C M7207
C M7206
C M7205
C M2128
C M8732
CM8711
Number
Part
Voltage
Des ign
Amps
MS C P
Hours
Life
Type
Filament
C M8798
CM8910
CM7201
C M7202
C M7203
CM7018
C M8601
2.50
2.50
1.50
1.50
1.50
1.35
1.25
.015
.320
.075
.066
.015
.220
.012
.001
.210
.030
.015
.010
.020
.004
10,000
10,000
16,000
100,000
5,000
25,000
1,000
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-6
C-2R
C-2R
16,000
16,000
.001
.150
.008
.120
3.0
3.0
CM8846
CM7208
C-2R
C-2F
C-2F
C-2R
C-2R
C-2V
15,000
16,000
10,000
40,000
25,000
10,000
.150
.030
.020
.150
.090
.010
.080
.030
.015
.115
.075
.015
5.0
5.0
5.0
5.0
5.0
5.0
CM7211
CM7210
C M7209
C M7151
C M7131
CM7019
C M6150
C M6212
CM6801
C M6830
C M6831
CM7007
C M7008
5.0
5.0
5.0
5.0
5.0
5.0
5.0
.064
.064
.060
.060
.060
.080
.060
.080
.080
.050
.050
.030
.150
.150
40,000
40,000
25,000
25,000
100,000
15,000
5,000
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
5,000
5,000
.200
.200
.115
.115
5.0
5.0
C M7213
CM7212
MIN.
1.00
MAX .
.250
MAX .
.125
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
60,000
25,000
25,000
40,000
10,000
5,000
10,000
.030
.050
.090
.150
.030
.200
.030
.060
.060
.075
.115
.021
.115
.021
5.0
5.0
5.0
5.0
5.0
5.0
5.0
CM6022
CM3211
CM3022
CM715
C M713
CM683
CM680
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CM2128

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM2128 VCC-CM2128 Datasheet
31Kb / 1P
   Wire Terminal (standard)
More results

Similar Description - CM2128

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM6151 CML-CM6151 Datasheet
226Kb / 1P
   T-1 Wire Terminal (standard)
CM1739 CML-CM1739 Datasheet
219Kb / 1P
   T-1 3/4 Wire Terminal (standard)
logo
Visual Communications C...
CM8798 VCC-CM8798 Datasheet
31Kb / 1P
   Wire Terminal (standard)
logo
Lite-On Technology Corp...
LTR-4206 LITEON-LTR-4206 Datasheet
258Kb / 2P
   NPN T-1 Standard Phototransistor
LTR-4206E LITEON-LTR-4206E Datasheet
99Kb / 4P
   NPN T-1 Standard Phototransistor
logo
Everlight Electronics C...
204GT EVERLIGHT-204GT Datasheet
60Kb / 4P
   3mm Round Standard LEDs, T-1
logo
BRIGHT LED ELECTRONICS ...
BL-B2141-L_V1 BRIGHT-BL-B2141-L_V1 Datasheet
295Kb / 5P
   T-1 STANDARD 1.0" LEAD 3?
BL-BEG201_V1 BRIGHT-BL-BEG201_V1 Datasheet
283Kb / 5P
   T-1 STANDARD 1.0" LEAD 3?
BL-B2141-S BRIGHT-BL-B2141-S Datasheet
241Kb / 5P
   T-1 STANDARD 1.0" LEAD 3?
BL-B3141-L BRIGHT-BL-B3141-L_2 Datasheet
311Kb / 5P
   T-1 STANDARD 1.0" LEAD 3?
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com