Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC3115S-8 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3115S-8
Description  Push-Pull Low Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3115S-8 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3115S-8 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Push-Pull Low Power Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed for use with Maxim Max253/Max3535E
• Add “-LF” after part number for Lead-Free
• Used in SMPS Push-Pull Topology
• UL 94V-0 Recognized Components
• UL 1446 Class B Insulation System
• Switching Frequency : 350 KHz
• 8 Pin SOIC PCMCIA Package
• 700 Vdc Minimum Isolation
• Very Low Core Loss
EPC3115S-X & EPC3115S-X-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3115S-X & -LF
Rev. 5
8/25/05 FT
Schematic
1
2
3
4
5
6
7
8
Pri.
Sec.
Voltage
(V)
PCA
Part
Number
EPC3115S-1
EPC3115S-2
*EPC3115S-3
*EPC3115S-4
EPC3115S-5
EPC3115S-6
EPC3115S-7
EPC3115S-8
Primary
OCL
(µH Typ.)
394
988
988
988
988
988
394
988
988
988
@ 100 KHz, 0.1 Vrms
75
75
75
75
80
80
75
75
80
75
Duty Cycle
(%)
3.3
5
5
5
5
5
3.3
5
5
5
V in
5
5
10
10
12
24
5
5
12
15
V out
† Output Center Tap
† Output Center Tap
Voltage Doubler
† Output Center Tap
† Output Center Tap
Voltage Doubler
Voltage Doubler
Voltage Doubler
Voltage Doubler
Voltage Doubler
Rectification
(Half or Full Wave)
Connections
Turns
Ratio
(Pri. to Sec.)
1:1:2:2
1:1:1.3:1.3
1:1:1.3:1.3
1:1:2.67:2.67
1:1:3:3
1:1:3:3
1:1:1:1
1:1:.67:.67
1:1:1.5:1.5
1:1:2:2
Pri. :Sec.
7.1
11
11
11
11
11
7.1
11
11
11
ET
(V-µSec.)
@ 350 KHz
• † Connections : Output Center Tap as Common/Return • Operating Temperature : -40°C to +85°C •
Package
Pin 1
I.D.
.150
(3.81)
.088 Max. (2.24)
.270
(6.86)
.050
(1.27)
.025
(.635)
.290
(7.37)
.018/.022
(.457/.559)
.090
(2.29)
.050
(1.27)
.030
(.762)
.420
(10.67)
.365
(9.27)
Marking :
PCA
EPC3115S-X(-LF)
Date Code
Pad
Layout
.070
(1.78)
0°-8°
.008/.012
(.203/.304)
.003/.010
(.076/.254)
*.098 Max. (2.49) for EPC3115S-3/-4
{
{
Application
Notes :
1. Assembly Process (Solder Composition)
2. Peak Solder Rating
(per IPC/JEDEC-J-STD-020C)
4. Weight
5. Packaging Information
(Tube)
EPC3115S-X
SnPb
225°C
TBD grams
TBD pcs / tube
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC-J-STD-020C)
1
(Unlimited,
≤30°C/60%RH)
EPC3115S-X-LF
Pb-Free
260°C
TBD grams
TBD pcs / tube
1
(Unlimited,
≤30°C/60%RH)


Similar Part No. - EPC3115S-8

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3115S-8 PCA-EPC3115S-8 Datasheet
39Kb / 1P
   Push-Pull Low Power Transformer
More results

Similar Description - EPC3115S-8

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3117S-X-LF PCA-EPC3117S-X-LF_15 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
EPC3117S-X PCA-EPC3117S-X Datasheet
35Kb / 1P
   Push-Pull Low Power Transformer
EPC3115S-X PCA-EPC3115S-X_15 Datasheet
39Kb / 1P
   Push-Pull Low Power Transformer
EPC3117S-X PCA-EPC3117S-X_07 Datasheet
26Kb / 1P
   Push-Pull Low Power Transformer
EPC3115S-X PCA-EPC3115S-X_07 Datasheet
39Kb / 1P
   Push-Pull Low Power Transformer
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
   Push Pull Transformer
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
   PUSH-PULL TRANSFORMER
logo
Rhombus Industries Inc.
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
   Push-Pull Transformer
T-1386 RHOMBUS-IND-T-1386 Datasheet
27Kb / 1P
   Push-Pull Transformer
T-1066 RHOMBUS-IND-T-1066 Datasheet
22Kb / 1P
   Push Pull Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com