Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPZ3064-752 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPZ3064-752
Description  AC Power Line Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3064-752 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPZ3064-752 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
AC Power Line Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used as AC Power Line Filters in CTV, VTR, Audios,
PC’s, Facsimilies and Power Supply Applications
• UL94V0 Recognized Materials
• Excellent for EMI Suppression
• UL1446 Insulating System
• High Current Ratings
EPZ3064-XXX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSZ3064-XXX
Rev. 1
3/2/04 FT
1.0
2.6
4.0
5.5
7.5
10.2
Inductance
(mH)
[Pins 1-2, 4-3]
4.8
2.4
1.7
1.4
1.1
0.8
Current Rating
(A rms Max.)
EPZ3064-102
EPZ3064-262
EPZ3064-402
EPZ3064-552
EPZ3064-752
EPZ3064-103
Part
Number
Package
Circuit Sample
AC Line
Schematic
1
4
2
3
1:1
Typical Impedance Characteristics
10
1
KHz
10
KHz
100
KHz
0.1
1
100
1000
1
MHz
Frequency (Hz)
10
MHz
14.6
mH
5.8
mH
1.45
mH
Bottom
View
.600
(15.24)
.250
(6.35)
.049 Ø
(1.25 Ø)
.772 Max.
(19.60)
.600
(15.24)
.425
(10.80)
.705
Max.
(17.91)
32
41
.250
(6.35)
Marking:
PCA
EPZ3064-XXX
D.C.
1
.952
Max.
(24.20)
.150 (3.81)
.040 Ø
(1.02 Ø)
.019
.076
.144
.206
.367
.666
DCR
(
Ω Typ.)
35
35
34
33
35
34
Temp.
Rise
(Typ)
.118
(3.00)
• Isolation : 3750 Vrms •
1.45
3.8
5.8
7.9
10.8
14.6
Min.
Typ.


Similar Part No. - EPZ3064-752

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3064-752 PCA-EPZ3064-752 Datasheet
2Mb / 64P
   AC Power Line Chokes
EPZ3064-752 PCA-EPZ3064-752 Datasheet
54Kb / 1P
   AC Power Line Choke
More results

Similar Description - EPZ3064-752

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3040V-152 PCA-EPZ3040V-152_09 Datasheet
44Kb / 1P
   AC Power Line Choke
EPZ3044H-182 PCA-EPZ3044H-182_09 Datasheet
44Kb / 1P
   AC Power Line Choke
EPZ3053N-142 PCA-EPZ3053N-142 Datasheet
44Kb / 1P
   AC Power Line Choke
EPZ3032-470 PCA-EPZ3032-470_09 Datasheet
44Kb / 2P
   AC Power Line Choke
EPZ3041V-222 PCA-EPZ3041V-222_09 Datasheet
45Kb / 1P
   AC Power Line Choke
EPZ3064-XXX PCA-EPZ3064-XXX_15 Datasheet
54Kb / 1P
   AC Power Line Choke
EPZ3065-XXX PCA-EPZ3065-XXX Datasheet
49Kb / 1P
   AC Power Line Choke
EPZ3033-560 PCA-EPZ3033-560_09 Datasheet
44Kb / 2P
   AC Power Line Choke
EPZ3037V-821 PCA-EPZ3037V-821_09 Datasheet
45Kb / 1P
   AC Power Line Choke
EPZ3045H-561 PCA-EPZ3045H-561_09 Datasheet
53Kb / 1P
   AC Power Line Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com