Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLC8201 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC8201
Description  DUAL BAND WIRELESS LAN BASEBAND PROCESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC8201 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC8201 Datasheet HTML 1Page - STMicroelectronics STLC8201 Datasheet HTML 2Page - STMicroelectronics STLC8201 Datasheet HTML 3Page - STMicroelectronics STLC8201 Datasheet HTML 4Page - STMicroelectronics STLC8201 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
STLC8201
Figure 3. LBGA256 (17x17x1.7mm) Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.210
1.700
0.047
0.067
A1
0.300
0.0118
A2
1.120
0.044
b
0.500
0.600
0.700
0.020
0.024
0.027
D
16.800 17.000 17.200 0.661
0.669
0.677
D1
15.000
0.590
E
16.800 17.000 17.200 0.661
0.669
0.677
E1
15.000
0.590
e
0.900
1.000
1.100
0.035
0.039
0.043
f
0.750
1.000
1.250
0.029
0.039
0.049
ddd
0.200
0.008
LBGA256
Low Profile Ball Grid Array
Body: 17 x 17 x 1.7mm
7177138 A


Similar Part No. - STLC8201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC8100 STMICROELECTRONICS-STLC8100 Datasheet
79Kb / 5P
   DUAL BAND WIRELESS LAN RF TRANSCEIVER
More results

Similar Description - STLC8201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7712 OKI-MSM7712 Datasheet
157Kb / 20P
   Wireless LAN Baseband Controller
logo
Intersil Corporation
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
STMicroelectronics
STLC8100 STMICROELECTRONICS-STLC8100 Datasheet
79Kb / 5P
   DUAL BAND WIRELESS LAN RF TRANSCEIVER
logo
Skyworks Solutions Inc.
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
   Dual-Band 802.11n Wireless LAN Front-End
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com