Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS28225DT Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS28225DT
Description  High-Frequency 4-A Sink Synchronous MOSFET Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS28225DT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS28225DT Datasheet HTML 5Page - Texas Instruments TPS28225DT Datasheet HTML 6Page - Texas Instruments TPS28225DT Datasheet HTML 7Page - Texas Instruments TPS28225DT Datasheet HTML 8Page - Texas Instruments TPS28225DT Datasheet HTML 9Page - Texas Instruments TPS28225DT Datasheet HTML 10Page - Texas Instruments TPS28225DT Datasheet HTML 11Page - Texas Instruments TPS28225DT Datasheet HTML 12Page - Texas Instruments TPS28225DT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−40
125
300
340
380
420
460
500
25
320
360
400
440
480
TJ − Temperature − °C
2.00
2.75
3.25
4.00
2.25
2.50
3.00
3.50
3.75
−40
125
25
Falling
Rising
TJ − Temperature − °C
0.0
−40
125
25
2.0
3.0
5.0
0.5
1.0
2.5
2.5
4.5
1.5
4.0
Falling
Rising
TJ − Temperature − °C
−40
125
25
0.00
0.75
1.25
2.00
0.25
0.50
1.00
1.50
1.75
Falling
Rising
TJ − Temperature − °C
TPS28225
SLUS710 – MAY 2006
BIAS SUPPLY CURRENT
UNDER VOLTAGE LOCKOUT THRESHOLD
vs
vs
TEMPERATURE
TEMPERATURE
(VEN/PG = Low, PWM Input Floating, VDD = 7.2V)
Figure 1.
Figure 2.
ENABLE/POWER GOOD THRESHOLD
PWM 3-STATE THRESHOLDS, (5-V Input Pulses)
vs
vs
TEMPERATURE (VDD = 7.2 V)
TEMPERATURE, (VDD = 7.2 V)
Figure 3.
Figure 4.
9
Submit Documentation Feedback


Similar Part No. - TPS28225DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225D TI1-TPS28225D Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225DG4 TI1-TPS28225DG4 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28225DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
logo
ON Semiconductor
NCP5351DR2G ONSEMI-NCP5351DR2G Datasheet
225Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
February, 2010 ??Rev. 13
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com