Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C652EBBB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P80C652EBBB
Description  CMOS single-chip 8-bit microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C652EBBB Datasheet(HTML) 5 Page - NXP Semiconductors

  P80C652EBBB Datasheet HTML 1Page - NXP Semiconductors P80C652EBBB Datasheet HTML 2Page - NXP Semiconductors P80C652EBBB Datasheet HTML 3Page - NXP Semiconductors P80C652EBBB Datasheet HTML 4Page - NXP Semiconductors P80C652EBBB Datasheet HTML 5Page - NXP Semiconductors P80C652EBBB Datasheet HTML 6Page - NXP Semiconductors P80C652EBBB Datasheet HTML 7Page - NXP Semiconductors P80C652EBBB Datasheet HTML 8Page - NXP Semiconductors P80C652EBBB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Philips Semiconductors
Product specification
83C654
CMOS single-chip 8-bit microcontroller
1998 Jan 06
5
ORDERING INFORMATION
PHILIPS PART ORDER NUMBER
PART MARKING
PHILIPS NORTH AMERICA
PART ORDER NUMBER
DRAWING
NUMBER
TEMPERATURE RANGE (
°C)
AND PACKAGE
FREQ
MHz23
ROMless1
ROM
ROMless1
ROM
EPROM3
NUMBER
AND PACKAGE
MHz2,3
P80C652EBP
P83C654EBP/xxx
P80C652EBPN
P83C654EBPN
S87C654-4N40
SOT129-1
0 to +70,
Plastic Dual In-line Package
16
P80C652EBA
P83C654EBA/xxx
P80C652EBAA
P83C654EBAA
S87C654-4A44
SOT187-2
0 to +70,
Plastic Leaded Chip Carrier
16
P80C652EBB
P83C654EBB/xxx
P80C652EBBB
P83C654EBBB
S87C654-4B44
SOT307-2
0 to +70,
Plastic Quad Flat Pack
16
P83C654EBR/xxx
SOT270-1
0 to +70,
Plastic Shrink Dual In-Line Package
16
P80C652EFP
P83C654EFP/xxx
P80C652EFPN
P83C654EFPN
S87C654-5N40
SOT129-1
–40 to +85,
Plastic Dual In-line Package
16
P80C652EFA
P83C654EFA/xxx
P80C652EFAA
P83C654EFAA
S87C654-5A44
SOT187-2
–40 to +85,
Plastic Leaded Chip Carrier
16
P80C652EFB
P83C654EFB/xxx
P80C652EFBB
P83C654EFBB
S87C654-5B44
SOT307-2
–40 to +85,
Plastic Quad Flat Pack
16
P80C652EHP
P83C654EHP/xxx
P80C652EHPN
P83C654EHPN
SOT129-1
–40 to +125,
Plastic Dual In-line Package
16
P80C652EHA
P83C654EHA/xxx
P80C652EHAA
P83C654EHAA
SOT187-2
–40 to +125,
Plastic Leaded Chip Carrier
16
P80C652EHB
P83C654EHB/xxx
P80C652EHBB
P83C654EHBB
SOT307-2
–40 to +125,
Plastic Quad Flat Pack
16
S87C654-7N40
SOT129-1
0 to +70,
Plastic Dual In-line Package
20
S87C654-7A44
SOT187-2
0 to +70,
Plastic Leaded Chip Carrier
20
S87C654-8N40
SOT129-1
–40 to +85,
Plastic Dual In-line Package
20
S87C654-8A44
SOT187-2
–40 to +85,
Plastic Leaded Chip Carrier
20
P80C652IBP
P83C654IBP/xxx
P80C652IBPN
P83C654IBPN
SOT129-1
0 to +70,
Plastic Dual In-line Package
24
P80C652IBA
P83C654IBA/xxx
P80C652IBAA
P83C654IBAA
SOT187-2
0 to +70,
Plastic Leaded Chip Carrier
24
P80C652IBB
P83C654IBB/xxx
P80C652IBBB
P83C654IBBB
SOT307-2
0 to +70,
Plastic Quad Flat Pack
24
P80C652IFP
P83C654IFP/xxx
P80C652IFPN
P83C654IFPN
SOT129-1
–40 to +85,
Plastic Dual In-line Package
24
P80C652IFA
P83C654IFA/xxx
P80C652IFAA
P83C654IFAA
SOT187-2
–40 to +85,
Plastic Leaded Chip Carrier
24
P80C652IFB
P83C654IFB/xxx
P80C652IFBB
P83C654IFBB
SOT307-2
–40 to +85,
Plastic Quad Flat Pack
24
NOTES:
1. For full specification, see the 80C652/83C652 data sheet.
2. 83C654 frequency range is 3.5MHz–16MHz or 3.5MHz–24MHz.
3. For specification of the EPROM version, see the 87C654 data sheet.
4. xxx denotes the ROM code number.


Similar Part No. - P80C652EBBB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C652EBBB PHILIPS-P80C652EBBB Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
P80C652EBBB NXP-P80C652EBBB Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results

Similar Description - P80C652EBBB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com