Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AU2902 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. AU2902
Description  Low power quad operational amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
Philips Semiconductors
Product data
AU2902
Low power quad operational amplifier
2001 Aug 03
3
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic Small Outline (SO) Package
–40
°C to +125 °C
AU2902D
SOT108-1
14-Pin Plastic Dual In-Line Package (DIP)
–40
°C to +125 °C
AU2902N
SOT27-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
32 or
±16
VDC
VIN
Differential input voltage
32
VDC
VIN
Input voltage
–0.3 to +32
VDC
PDMAX
Maximum power dissipation; Tamb = 25 °C (still-air)1
N package
1420
mW
D package
1040
mW
Output short-circuit to GND; one amplifier
VCC < 15 VDC and Tamb = 25 °C
Continuous
IIN
Input current (VIN < –0.3 V) 3
50
mA
Tamb
Operating ambient temperature range
–40 to +125
°C
Tstg
Storage temperature range
–65 to +150
°C
Tsld
Lead soldering temperature (10 sec max)
230
°C
NOTES:
1. Derate above 25
°C at the following rates:
N package at 11.4 mW/
°C
D package at 8.3 mW/
°C
2. Short-circuits from the output to VCC+ can cause excessive heating and eventual destruction. The maximum output current is approximately
40 mA, independent of the magnitude of VCC. At values of supply voltage in excess of +15 VDC continuous short-circuits can exceed the
power dissipation ratings and cause eventual destruction.
3. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the
input PNP transistors becoming forward biased and thereby acting as input bias clamps. In addition, there is also lateral NPN parasitic
transistor action on the IC chip. This action can cause the output voltages of the op amps to go to the V+ rail (or to ground for a large
overdrive) during the time that the input is driven negative.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HFA1405_05Quad 560MHz Low Power Video Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
LM2902WLOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
AS321LOW POWER SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM124_05Low Power Quad Operational Amplifiers 1 2 3 4 5 MoreSTMicroelectronics
HFA1109_04450MHz Low Power Current Feedback Video Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
ICL8021High Reliability Low Power Bipolar Operational Amplifier 1 2 3 4 5 Intersil Corporation
LM2904W_06Low power dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
HFA1412_06Quad 350MHz Low Power Programmable Gain Buffer Amplifier 1 2 3 4 5 MoreIntersil Corporation
TL064_01LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
AS324_06LOW POWER QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl