Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU2901D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AU2901D
Description  Quad voltage comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AU2901D Datasheet(HTML) 2 Page - NXP Semiconductors

  AU2901D Datasheet HTML 1Page - NXP Semiconductors AU2901D Datasheet HTML 2Page - NXP Semiconductors AU2901D Datasheet HTML 3Page - NXP Semiconductors AU2901D Datasheet HTML 4Page - NXP Semiconductors AU2901D Datasheet HTML 5Page - NXP Semiconductors AU2901D Datasheet HTML 6Page - NXP Semiconductors AU2901D Datasheet HTML 7Page - NXP Semiconductors AU2901D Datasheet HTML 8Page - NXP Semiconductors AU2901D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product data
AU2901
Quad voltage comparator
2
2001 Aug 03
853-1637 26837
DESCRIPTION
The AU2901 consists of four independent precision voltage
comparators, with an offset voltage specification as low as 2.0 mV
max for each comparator, which were designed specifically to
operate from a single power supply over a wide range of voltages.
Operation from split power supplies is also possible and the low
power supply current drain is independent of the magnitude of the
power supply voltage. These comparators also have a unique
characteristic in that the input common-mode voltage range includes
ground, even though they are operated from a single power supply
voltage.
The AU2901 was designed to directly interface with TTL and CMOS.
When operated from both plus and minus power supplies, the
AU2901 will directly interface with MOS logic where their low power
drain is a distinct advantage over standard comparators.
FEATURES
Wide single supply voltage range 2.0 V
DC to 36 VDC or dual
supplies
±1.0 VDC to ±18 VDC
Very low supply current drain (0.8 mA) independent of supply
voltage (1.0 mW/comparator at 5.0 VDC)
Low input biasing current 25 nA
Low input offset current ±5 nA and offset voltage
Input common-mode voltage range includes ground
Differential input voltage range equal to the power supply voltage
Low output 250 mV at 4 mA saturation voltage
Output voltage compatible with TTL, DTL, ECL, MOS and CMOS
logic systems
APPLICATIONS
A/D converters
Wide range VCO
MOS clock generator
High voltage logic gate
Multivibrators
PIN CONFIGURATION
1
2
3
4
5
6
78
14
13
12
11
10
9
OUTPUT 2
OUTPUT 1
V+
INPUT 1 –
INPUT 1 +
OUTPUT 3
TOP VIEW
D, N Packages
INPUT 1 –
INPUT 1 +
OUTPUT 4
GND
INPUT 4 –
INPUT 3 +
INPUT 3 –
INPUT 4 +
1
23
4
SL00106
Figure 1. Pin Configuration
EQUIVALENT CIRCUIT
V +
100
µA
3.5
µA
3.5
µA
100
µA
Q1
Q2
Q3
Q4
Q8
Q7
Q6
Q5
– INPUT
OUTPUT
+ INPUT
(One Comparator Only)
SL000107
Figure 2. Equivalent Circuit
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic Small Outline (SO) Package
–40
°C to +125 °C
AU2901D
SOT108-1
14-Pin Plastic Dual In-Line Package (DIP)
–40
°C to +125 °C
AU2901N
SOT27-1


Similar Part No. - AU2901D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2902 PHILIPS-AU2902 Datasheet
104Kb / 10P
   Low power quad operational amplifier
2001 Aug 03
AU2902D PHILIPS-AU2902D Datasheet
104Kb / 10P
   Low power quad operational amplifier
2001 Aug 03
AU2902N PHILIPS-AU2902N Datasheet
104Kb / 10P
   Low power quad operational amplifier
2001 Aug 03
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
AU2903D PHILIPS-AU2903D Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
More results

Similar Description - AU2901D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM139 PHILIPS-LM139 Datasheet
75Kb / 10P
   Quad voltage comparator
1995 Nov 27
logo
Daewoo Semiconductor
DBL339 DAEWOO-DBL339 Datasheet
268Kb / 6P
   QUAD VOLTAGE COMPARATOR
logo
AUK corp
S339P AUK-S339P Datasheet
284Kb / 3P
   Quad Voltage Comparator
logo
Taiwan Semiconductor Co...
TS2901 TSC-TS2901 Datasheet
133Kb / 6P
   Quad Voltage Comparator
TS339 TSC-TS339 Datasheet
137Kb / 6P
   Quad Voltage Comparator
logo
AUK corp
S339 AUK-S339_1 Datasheet
297Kb / 4P
   Quad Voltage Comparator
S339P AUK-S339P_1 Datasheet
301Kb / 4P
   Quad Voltage Comparator
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339_08 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
LM339 HTC-LM339 Datasheet
132Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
AUK corp
S339 AUK-S339 Datasheet
282Kb / 3P
   Quad Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com