Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM29 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CM29
Description  G-3 1/2 Miniature 2 Pin Base
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CM29 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CM29 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G-3 1/2 Miniature 2 Pin Base
G-3 1/2 Miniature Screw Base
Number
Part
Voltage
Des ign
Amps
MS C P
Hours
Life
Type
Filament
CM10
CM12
CM25
CM612
CM29
C M19
14.4
10.0
6.3
6.3
6.3
2.5
.10
.11
.25
.25
.15
.50
.90
.65
.65
.50
.35
.50
1,000
3,000
5,000
5,000
5,000
3,000
C-6
C-2R
C-6
C-6
C-6
C-6
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
15
45
10
15
15
10
.90
.52
.42
.70
.70
.70
.500
.350
.270
.500
.500
.600
2.46
2.40
2.33
2.10
2.00
1.90
C M245
C M263
CM233
CM100
C M138
CM196
Number
Part
Voltage
Des ign
Amps
MS C P
Hours
Life
Type
F ilament
C M123
C M1439
C M131
C M359
C M1532
C M217
C M458
1.50
1.50
1.35
1.35
1.30
1.25
1.25
.200
.435
.220
.060
.100
.600
.300
.12
.25
.09
.02
.03
.20
.10
30
12
30
50
50
75
10
S-2
S-2
S-2
S-2
S-2
S-2
S-2
S-2
C-2R
50
15
.15
.50
.070
.300
3.00
2.47
C M352
CM14
CM1449
CM52
C M1447
18.0
14.40
14.0
.150
.100
.200
1.5
.75
2.0
250
1,000
250
C-2V
C-2V
C-2V
C-2R
C-2R
C-2R
C-2R
C-2R
C-2R
C-2V
15
15
1
2,000
2,000
1,000
250
1.6
.98
1.6
.32
.55
1.0
1.7
.500
.300
.430
.150
.250
.220
.200
3.69
3.70
3.80
6.30
6.30
7.50
12.0
CM1446
CM50
C M134
CM133
C M1438
CM13
CM365
.940 MAX .
MAX .
.473
MAX .
.473
.940 MAX .
NO M .
.200
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - CM29

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM29 VCC-CM29 Datasheet
32Kb / 1P
   Base
logo
II-VI Marlow, Inc.
CM29-1.9 VIMARLOW-CM29-1.9 Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
CM29-1.9-01AC VIMARLOW-CM29-1.9-01AC Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
CM29-1.9-04AC VIMARLOW-CM29-1.9-04AC Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
CM29-1.9-05AC VIMARLOW-CM29-1.9-05AC Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
More results

Similar Description - CM29

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM427 CML-CM427 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
CM1317 CML-CM1317 Datasheet
142Kb / 1P
   B-6 Single Bayonet Base, B-3 1/2 Single Contact Miniature Flange Base
logo
PHOENIX CONTACT
2955425 PHOENIX-2955425 Datasheet
55Kb / 3P
   Relay base - UM-HOZ 462/1-1-1-2/G 24
09/12/2020
logo
Chicago Miniature Lamp,...
CM2059 CML-CM2059 Datasheet
242Kb / 1P
   T-2 3/4 Miniature Bayonet Base Halogen Lamp
logo
PHOENIX CONTACT
1769803 PHOENIX-1769803 Datasheet
87Kb / 5P
   Base strip - SMSTBA 2,5/ 2-G
1763032 PHOENIX-1763032 Datasheet
142Kb / 9P
   Base strip - MDSTBV 2,5/ 2-G
1766013 PHOENIX-1766013 Datasheet
79Kb / 5P
   Base strip - GMSTB 2,5/ 2-G
logo
Murata Manufacturing Co...
DM-350 MURATA-DM-350 Datasheet
995Kb / 3P
   3-1/2 Digit Miniature Digital Panel Meter
logo
Chicago Miniature Lamp,...
CM6502 CML-CM6502 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
CM1826 CML-CM1826 Datasheet
23Kb / 1P
   T-3 1/4 Miniature Bayonet Base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com