Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16806 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16806
Description  EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16806 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16806 Datasheet HTML 5Page - Maxim Integrated Products MAX16806 Datasheet HTML 6Page - Maxim Integrated Products MAX16806 Datasheet HTML 7Page - Maxim Integrated Products MAX16806 Datasheet HTML 8Page - Maxim Integrated Products MAX16806 Datasheet HTML 9Page - Maxim Integrated Products MAX16806 Datasheet HTML 10Page - Maxim Integrated Products MAX16806 Datasheet HTML 11Page - Maxim Integrated Products MAX16806 Datasheet HTML 12Page - Maxim Integrated Products MAX16806 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
EEPROM-Programmable, High-Voltage, 350mA
LED Drivers with LED Current Foldback
_______________________________________________________________________________________
9
Functional Diagram
MAX16805
MAX16806
EN
DIM
IN
CFD
SW
(N.C.)
V5
V5
REGULATOR
1.25V
IN
V5
DIFFERENTIAL
SENSE
AMPLIFIER
THERMAL
SHUTDOWN
EEPROM
AND SERIAL
INTERFACE
REFERENCE
GENERATOR
TFP/SCL
(SCL)
TFN/SDA
(SDA)
CURRENT
FOLDBACK
POR
THERMAL
FOLDBACK*
TRIMMED
BANDGAP
*NOT PART OF THE MAX16805
( ) MAX16805
200Hz RAMP
GENERATOR
210mV
EEPROM
MUX
AND
LOGIC
GND
I_REG
IN
OUT
CS+
CS-
TRIMMED
BANDGAP
PULSE
DETECTOR


Similar Part No. - MAX16806

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16806 MAXIM-MAX16806 Datasheet
446Kb / 12P
   Tactile Momentary Switch
Rev 3; 11/08
MAX16806ATP MAXIM-MAX16806ATP Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
MAX16806EVCMAXQU MAXIM-MAX16806EVCMAXQU Datasheet
446Kb / 12P
   Tactile Momentary Switch
Rev 3; 11/08
MAX16806EVCMAXQU++ MAXIM-MAX16806EVCMAXQU+ Datasheet
457Kb / 12P
   MAX16806 Evaluation Kit/ Evaluation System
Rev 3; 11/08
MAX16806EVCMAXQU++ MAXIM-MAX16806EVCMAXQU+ Datasheet
446Kb / 12P
   Tactile Momentary Switch
Rev 3; 11/08
More results

Similar Description - MAX16806

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
logo
International Rectifier
IRPLLED1 IRF-IRPLLED1 Datasheet
671Kb / 30P
   350mA to 1.5A High Voltage LED Driver using
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
PAIRUI GROUP INC.
LPU-200C PAIRUI-LPU-200C Datasheet
973Kb / 8P
   Constant current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com