Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9726AETP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9726AETP
Description  DirectDrive, Headphone Amplifier with BassMax, I2C, Volume and Gain Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9726AETP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9726AETP Datasheet HTML 4Page - Maxim Integrated Products MAX9726AETP Datasheet HTML 5Page - Maxim Integrated Products MAX9726AETP Datasheet HTML 6Page - Maxim Integrated Products MAX9726AETP Datasheet HTML 7Page - Maxim Integrated Products MAX9726AETP Datasheet HTML 8Page - Maxim Integrated Products MAX9726AETP Datasheet HTML 9Page - Maxim Integrated Products MAX9726AETP Datasheet HTML 10Page - Maxim Integrated Products MAX9726AETP Datasheet HTML 11Page - Maxim Integrated Products MAX9726AETP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
DirectDrive, Headphone Amplifier with
BassMax, I2C, Volume and Gain Control
8
_______________________________________________________________________________________
OUTPUT POWER vs. CHARGE-PUMP
CAPACITANCE AND LOAD RESISTANCE
LOAD RESISTANCE (Ω)
45
40
35
30
25
20
15
65
70
75
80
85
90
60
10
50
VDD = 3.3V
fIN = 1kHz
THD+N = 1%
C1 = C2 = 2.2µF
C1 = C2 = 1µF
C1 = C2 = 0.68µF
POWER-UP/POWER-DOWN
MAX9726 toc23
20ms/div
VDD
2V/div
VOUT_
10mV/div
RL = 32Ω
EXITING SHUTDOWN
MAX9726 toc24
100µs/div
VSHDN
5V/div
VIN_
200mV/div
VOUT_
2V/div
ENTERING SHUTDOWN
MAX9726 toc25
20µs/div
VSHDN
5V/div
VIN_
200mV/div
VOUT_
2V/div
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
6
5
3
4
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
4.8
2
NO LOAD
INPUTS AC GROUNDED
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4
3
5
6
7
8
9
10
4
26
NO LOAD
INPUTS AC GROUNDED
Typical Operating Characteristics (continued)
(VDD = SHDN = 5V, PGND = SGND = 0V, C1 = C2 = 1µF, CPREG = CNREG = 1µF, BM_ = 0V, RIN = 10kΩ, RF = 10kΩ, maximum vol-
ume (overall gain = 0dB), BassMax disabled. Load connected between OUT_ and PGND where specified. Outputs in phase, both
channels loaded. TA = +25°C, unless otherwise noted.) (See the Functional Diagram/Typical Operating Circuit)


Similar Part No. - MAX9726AETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX97200 MAXIM-MAX97200 Datasheet
2Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 1; 3/10
MAX97200 MAXIM-MAX97200 Datasheet
1Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 2; 3/11
MAX97200 MAXIM-MAX97200 Datasheet
1Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 3; 8/12
MAX97200A MAXIM-MAX97200A Datasheet
535Kb / 5P
   20mW Class G Headphone Amplifier
Rev 0; 2/10
More results

Similar Description - MAX9726AETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
MAX9729 MAXIM-MAX9729 Datasheet
479Kb / 28P
   Stereo Headphone Amplifier with BassMax, Volume Control, and Input Mux
Rev 0; 7/07
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
MAX9820 MAXIM-MAX9820 Datasheet
1Mb / 13P
   DirectDrive Headphone Amplifier with External Gain
Rev 0; 7/09
logo
Texas Instruments
LM48824 TI1-LM48824 Datasheet
1Mb / 29P
[Old version datasheet]   Class G Headphone Amplifier with I2C Volume Control
logo
National Semiconductor ...
LM48824 NSC-LM48824 Datasheet
1Mb / 28P
   Class G Headphone Amplifier with I2C Volume Control
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com