Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16805ATP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16805ATP
Description  EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16805ATP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16805ATP Datasheet HTML 1Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 2Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 3Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 4Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 5Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 6Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 7Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 8Page - Maxim Integrated Products MAX16805ATP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
EEPROM-Programmable, High-Voltage, 350mA
LED Drivers with LED Current Foldback
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = 12V, CV5 = 0.1µF, IV5 = 0, CS- = GND, RSENSE = 0.56Ω, VDIM = 4V, DGND = GND, TFP/SCL = 5V, TFN/SDA = 0V,
SW = CFD = Open, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Thermal Foldback
Clamp Current Reduction Range
TFC(MAX)
+25
oC
≤ TA ≤ +125oC
100
%
Default Thermal Foldback Clamp
Current Reduction Range
TFDEF
Thermal Foldback Clamp register at
factory default (0x07),
+25
oC
≤ TA ≤ +125oC
40
%
THERMAL PROTECTION
Thermal Shutdown Temperature
TJ(SHDN)
+155
°C
Thermal Shutdown Hysteresis
+23
°C
LED CURRENT FOLDBACK
Minimum Input LED Current
Foldback Range
VCFD(MIN)
11.4
V
Maximum Input LED Current
Foldback Range
VCFD(MAX)
16.4
V
LED Current Foldback Default
Level
VCFD
LED Current Foldback Threshold register
at factory default (0x00)
16.4
V
VIN > 11V, CFD register bit 3 = 0
0.71
LED Current Foldback Voltage
Step Size
VIN > 11V, CFD register bit 3 = 1
0.355
V/step
INTERNAL RAMP GENERATOR
Internal RAMP Frequency
fRAMP
176
200
224
Hz
External Sync Frequency Range
fDIM
80
2000
Hz
External Sync Voltage Low
0.4
V
External Sync Voltage High
2.8
V
VDIM = 0V
0
Output Current Duty Cycle
IDC
VDIM > (VRAMP + 0.4V) (MAX16806),
VDIM > +3.3V (MAX16805)
100
%
Minimum Ramp Peak
Programming Range
VRAMP(MIN)
1.49
1.55
1.60
V
Maximum Ramp Peak
Programming Range
VRAMP(MAX)
2.77
2.88
3.00
V
Ramp Peak Default Voltage
Ramp Peak register at factory default
(0x07)
2.88
V
Ramp Offset Voltage
210
mV
MOMENTARY SWITCH INTERFACE (SW) (MAX16806)
SW Pullup Current
ISW
VSW = 0V
1
3
mA
SW Input-Voltage High
VIH
ISW = 100µA
4
V
SW Input-Voltage Low
VIL
0.4
V
Minimum Pulse Width
120
ms
Minimum Debounce Time
40
ms


Similar Part No. - MAX16805ATP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805ATP MAXIM-MAX16805ATP Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
More results

Similar Description - MAX16805ATP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16805 MAXIM-MAX16805_07 Datasheet
305Kb / 19P
   EEPROM-Programmable, High-Voltage, 350mA LED Drivers with LED Current Foldback
19-0625; Rev 1; 1/07
logo
Silicon Touch Technolog...
DM413 SITI-DM413 Datasheet
305Kb / 18P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH PROGRAMMABLE PWM OUTPUTS
logo
Maxim Integrated Produc...
MAX16833 MAXIM-MAX16833 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 0; 6/10
MAX16833 MAXIM-MAX16833_V01 Datasheet
923Kb / 25P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
2017
MAX16833 MAXIM-MAX16833_11 Datasheet
1Mb / 22P
   High-Voltage HB LED Drivers with Integrated High-Side Current Sense
Rev 3; 7/11
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
logo
International Rectifier
IRPLLED1 IRF-IRPLLED1 Datasheet
671Kb / 30P
   350mA to 1.5A High Voltage LED Driver using
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
PAIRUI GROUP INC.
LPU-200C PAIRUI-LPU-200C Datasheet
973Kb / 8P
   Constant current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com