Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1032EUG Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1032EUG
Description  8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1032EUG Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1032EUG Datasheet HTML 7Page - Maxim Integrated Products MAX1032EUG Datasheet HTML 8Page - Maxim Integrated Products MAX1032EUG Datasheet HTML 9Page - Maxim Integrated Products MAX1032EUG Datasheet HTML 10Page - Maxim Integrated Products MAX1032EUG Datasheet HTML 11Page - Maxim Integrated Products MAX1032EUG Datasheet HTML 12Page - Maxim Integrated Products MAX1032EUG Datasheet HTML 13Page - Maxim Integrated Products MAX1032EUG Datasheet HTML 14Page - Maxim Integrated Products MAX1032EUG Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
8-/4-Channel, ±12V Multirange Inputs,
Serial 14-Bit ADCs
______________________________________________________________________________________
11
FULL-POWER BANDWIDTH
FREQUENCY (kHz)
1000
100
10
-40
-35
-30
-25
-20
-15
-10
-5
0
-45
110,000
REFERENCE VOLTAGE vs. TIME
MAX1032/33 toc27
1V/div
0V
4ms/div
NOISE HISTOGRAM
(CODE CENTER)
CODE
8193
10,000
20,000
30,000
40,000
50,000
60,000
70,000
0
8191
8195
8197
65,534 SAMPLES
8192
8194
8196
NOISE HISTOGRAM
(CODE EDGE)
CODE
8194
5000
10,000
15,000
20,000
25,000
30,000
35,000
0
65,534
SAMPLES
8195
8193
8196
8197
8192
Typical Operating Characteristics (continued)
(AVDD1 = AVDD2 = DVDD = DVDDO = 5V, AGND1 = DGND = DGNDO = AGND2 = AGND3 = 0, fCLK = 3.5MHz (50% duty cycle),
external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input range
(±12V), CDOUT = 50pF, CSSTRB = 50pF; unless otherwise noted.)


Similar Part No. - MAX1032EUG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1032 MAXIM-MAX1032 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1032BEUG++ MAXIM-MAX1032BEUG+ Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032BEUG++ MAXIM-MAX1032BEUG+ Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
More results

Similar Description - MAX1032EUG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1300 MAXIM-MAX1300_10 Datasheet
1,017Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com