Electronic Components Datasheet Search |
|
EA2-3TNP Datasheet(PDF) 2 Page - NEC |
|
EA2-3TNP Datasheet(HTML) 2 Page - NEC |
2 / 8 page 2 EA2 SERIES DATA SHEET ER0001EJ6V0DS00 OUTLINE DRAWING AND DIMENSIONS PAD LAYOUT (bottom view) Unit : mm (inch) PIN CONFIGURATIONS MARKINGS 14.2 max. (0.56) 9.2 max. (0.36) 0.5 (0.02) 0.25 (0.01) 2.54 (0.10) 7.62 (0.30) Note. tolerance 0.2 ( 0.008) unless otherwise specified Dimensions in show basic size. NJ type : Cover height-6.3 mm (0.248), Leads-2.8 mm (0.11) + – + – 10- 0.8(0.03) 10.16 (0.40) 2.54 (0.10) φ Note. Tolerance 0.1 ( 0.004) unless othewise specified + – + – EA2-5NU 9106 JAPAN JAPAN 1 2 3 4 6 5 EA2-5 9106 1 4 3 5 2 q Part number w Manufacturer e Country of origin r Date code t Index mark of relay direction (pin No. 1, 10.) y UL, CSA Marking Standard type UL recognized, CSA certified type + – + + – – + + – – 12 3 4 5 10 9 8 7 6 12 3 4 5 12 3 S R 45 10 9 8 R S 76 10 9 8 7 6 Index mark of relay direction Non-latch type (not energized position) Single coil latch type (reset position) Double coil latch type (reset position) S : Coil polarity of set (operate) R : Coil polarity of reset (release) SAFETY STANDARD AND RATING UL Recognized (UL508)∗ File No E73266 CSA Certificated (CSA C22.2 No 14) File No LR46266 30 Vdc, 1 A (Resistive) 110 Vdc, 0.3 A (Resistive) 125 Vdc, 0.5 A (Resistive) ∗ Spacing : UL114, UL478 |
Similar Part No. - EA2-3TNP |
|
Similar Description - EA2-3TNP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |