Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P83C528FHP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P83C528FHP
Description  CMOS single-chip 8-bit microcontroller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C528FHP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P83C528FHP Datasheet HTML 6Page - NXP Semiconductors P83C528FHP Datasheet HTML 7Page - NXP Semiconductors P83C528FHP Datasheet HTML 8Page - NXP Semiconductors P83C528FHP Datasheet HTML 9Page - NXP Semiconductors P83C528FHP Datasheet HTML 10Page - NXP Semiconductors P83C528FHP Datasheet HTML 11Page - NXP Semiconductors P83C528FHP Datasheet HTML 12Page - NXP Semiconductors P83C528FHP Datasheet HTML 13Page - NXP Semiconductors P83C528FHP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Philips Semiconductors
Product specification
80C528/83C528
CMOS single-chip 8-bit microcontrollers
1995 Feb 02
10
– setting Read Bit Finished (RBF) when the
SCL clock pulse has finished and Write Bit
Finished (WBF) if there is no arbitration
loss detected (i.e., SDA = 0 while SDO = 1)
– setting a serial clock Low-to-High detected
(CLH) flag
– setting a Bus Busy (BB) flag on a START
condition and clearing this flag on a STOP
condition
– releasing the SCL line and clearing the
CLH, RBF and WBF flags to resume
transfer of the next serial data bit
– generating an automatic clock if the single
bit data register S1BIT is used in master
mode.
The following functions must be done in
software:
– handling the I2C START interrupts
– converting serial to parallel data when
receiving
– converting parallel to serial data when
transmitting
– comparing the received slave address with
its own
– interpreting the acknowledge information
– guarding the I2C status if RBF or WBF = 0.
Additionally, if acting as master:
– generating START and STOP conditions
– handling bus arbitration
– generating serial clock pulses if S1BIT is
not used.
Three SFRs control the bit-level I2C interface:
S1INT, S1BIT and S1SCS.
INTERRUPT SYSTEM
The interrupt structure of the 8XC528 is the
same as that used in the 80C51, but includes
two additional interrupt sources: one for the
third timer/counter, T2, and one for the I2C
interface. The interrupt enable and interrupt
priority registers are IE and IP.
IE: Interrupt Enable Register
This register is located at address A8H. Refer
to Table 3.
IE SFR (A8H)
ET1
ES
ES1
ET2
EA
EX1
ET0
EX0
7
6
5
4
3
2
1
0
IP: Interrupt Priority Register
This register is located at address B8H. Refer
to Table 4.
IP SFR (B8H)
PT1
PS
PS1
PT2
PX1
PT0
PX0
7
6
5
4
3
2
1
0
The interrupt vector locations and the
interrupt priorities are:
Source
Priority within Level
Vector
Address
0003H
IE0
Highest
002BH
TF2+EXF2
0053H
SI (I2C)
000BH
TF0
0013H
IE1
001BH
TF1
0023H
R1+T1
Lowest
Table 3.
Description of IE Bits
MNEMONIC
BIT
FUNCTION
EA
IE.7
General enable/disable control:
0 = NO interrupt is enabled.
1 = ANY individually enabled interrupt will be accepted.
ES1
IE.6
Enable bit-level I2C I/O interrupt
ET2
IE.5
Enable Timer 2 interrupt
ES
IE.4
Enable Serial Port interrupt
ET1
IE.3
Enable Timer 1 interrupt
EX1
IE.2
Enable External interrupt 1
ET0
IE.1
Enable Timer 0 interrupt
EX0
IE.0
Enable External interrupt 0
Table 4.
Description of IP Bits
MNEMONIC
BIT
FUNCTION
IP.7
Reserved.
PS1
IP.6
Bit-level I2C interrupt priority level
PT2
IP.5
Timer 2 interrupt priority level
PS
IP.4
Serial Port interrupt priority level
PT1
IP.3
Timer 1 interrupt priority level
PX1
IP.2
External Interrupt 1 priority level
PT0
IP.1
Timer 0 interrupt priority level
PX0
IP.0
External Interrupt 0 priority level


Similar Part No. - P83C528FHP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C528 PHILIPS-P83C528 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
P83C528EBA PHILIPS-P83C528EBA Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
P83C528EBB PHILIPS-P83C528EBB Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
P83C528EBP PHILIPS-P83C528EBP Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
P83C528EFA PHILIPS-P83C528EFA Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
More results

Similar Description - P83C528FHP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com