Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSTD16211 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSTD16211
Description  24-Bit Bus Switch with Level Shifting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD16211 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSTD16211 Datasheet HTML 1Page - Fairchild Semiconductor FSTD16211 Datasheet HTML 2Page - Fairchild Semiconductor FSTD16211 Datasheet HTML 3Page - Fairchild Semiconductor FSTD16211 Datasheet HTML 4Page - Fairchild Semiconductor FSTD16211 Datasheet HTML 5Page - Fairchild Semiconductor FSTD16211 Datasheet HTML 6Page - Fairchild Semiconductor FSTD16211 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500313
www.fairchildsemi.com
June 2000
Revised November 2002
FSTD16211
24-Bit Bus Switch with Level Shifting
General Description
The Fairchild Switch FSTD16211 provides 24-bits of high-
speed CMOS TTL-compatible bus switching. The low On
Resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise. A diode to VCC has been
integrated into the circuit to allow for level shifting between
5V inputs and 3.3V outputs.
The device is organized as a 12-bit or 24-bit bus switch.
When OE1 is LOW, the switch is ON and Port 1A is con-
nected to Port 1B. When OE2 is LOW, Port 2A is connected
to Port 2B. When OE1/2 is HIGH, a high impedance state
exists between the A and B Ports.
Features
s 4
Ω switch connection between two ports
s Voltage level shifting
s Minimal propagation delay through the switch
s Low lCC
s Zero bounce in flow-through mode
s Control inputs compatible with TTL level
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA)
Ordering Code:
Note 1: Ordering code “G” indicates Trays.
Note 2: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Order Number
Package Number
Package Description
FSTD16211G
(Note 1)(Note 2)
BGA54A
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[TAPE and REEL]
FSTD16211MTD
(Note 2)
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - FSTD16211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
FSTD16211G ONSEMI-FSTD16211G Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
FSTD16211MTD ONSEMI-FSTD16211MTD Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
More results

Similar Description - FSTD16211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Texas Instruments
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
logo
Fairchild Semiconductor
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_12 Datasheet
642Kb / 8P
   4-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125 Datasheet
145Kb / 7P
   4-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com