Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C652IFA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P80C652IFA
Description  CMOS single-chip 8-bit microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C652IFA Datasheet(HTML) 2 Page - NXP Semiconductors

  P80C652IFA Datasheet HTML 1Page - NXP Semiconductors P80C652IFA Datasheet HTML 2Page - NXP Semiconductors P80C652IFA Datasheet HTML 3Page - NXP Semiconductors P80C652IFA Datasheet HTML 4Page - NXP Semiconductors P80C652IFA Datasheet HTML 5Page - NXP Semiconductors P80C652IFA Datasheet HTML 6Page - NXP Semiconductors P80C652IFA Datasheet HTML 7Page - NXP Semiconductors P80C652IFA Datasheet HTML 8Page - NXP Semiconductors P80C652IFA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Philips Semiconductors
Product specification
83C654
CMOS single-chip 8-bit microcontroller
2
1998 Jan 06
DESCRIPTION
The P83C654 Single-Chip 8-Bit
Microcontroller is manufactured in an
advanced CMOS process and is a derivative
of the 80C51 microcontroller family. The
83C654 has the same instruction set as the
80C51. Two versions of the derivative exist:
83C654 — 16k bytes mask programmable
ROM
87C654 — EPROM version (described in a
separate data sheet)
This device provides architectural
enhancements that make it applicable in a
variety of applications for general control
systems. The 83C654 contains a non-volatile
16k
× 8 read-only program memory, a volatile
256
× 8 read/write data memory, four 8-bit I/O
ports, two 16-bit timer/event counters
(identical to the timers of the 80C51), a
multi-source, two-priority-level, nested
interrupt structure, an I2C interface, UART
and on-chip oscillator and timing circuits. For
systems that require extra capability, the
8XC654 can be expanded using standard
TTL compatible memories and logic.
The device also functions as an arithmetic
processor having facilities for both binary and
BCD arithmetic plus bit-handling capabilities.
The instruction set consists of over 100
instructions: 49 one-byte, 45 two-byte and 17
three-byte. With a 16(24)MHz crystal, 58% of
the instructions are executed in 0.75(0.5)
µs
and 40% in 1.5(1)
µs. Multiply and divide
instructions require 3(2)
µs.
FEATURES
80C51 central processing unit
16k × 8 ROM expandable externally to
64k bytes
256 × 8 RAM, expandable externally to
64k bytes
Two standard 16-bit timer/counters
Four 8-bit I/O ports
I2C-bus serial I/O port with byte oriented
master and slave functions
Full-duplex UART facilities
Power control modes
– Idle mode
– Power-down mode
ROM code protection
Extended frequency range: 3.5 to 24 MHz
Three operating ambient temperature
ranges:
0 to +70
°C
–40 to +85
°C
–40 to +125
°C
BLOCK DIAGRAM
64K BYTE BUS
EXPANSION
CONTRTOL
PROG SERIAL PORT
FULL DUPLEX UART
SYNCHRONOUS SHIFT
PROGRAMMABLE I/O
CPU
OSCILLATOR
AND
TIMING
PROGRAM
MEMORY
DATA
MEMORY
(256 x 8 RAM)
TWO 16-BIT
TIMER/EVENT
COUNTERS
I2C SERIAL I/O
SDA
SCL
SHARED
WITH
PORT 1
T0
T1
COUNTERS
XTAL2
XTAL1
FREQUENCY
REFERENCE
INTERNAL
INTERRUPTS
EXTERNAL
INTERRUPTS
CONTROL
PARALLEL PORTS,
ADDRESS/DATA BUS
AND I/O PINS
SERIAL IN
SERIAL OUT
SHARED WITH
PORT 3
(16K x 8 ROM)
INT0
INT1


Similar Part No. - P80C652IFA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C652IFA PHILIPS-P80C652IFA Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
P80C652IFA PHILIPS-P80C652IFA Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
P80C652IFA PHILIPS-P80C652IFA Datasheet
480Kb / 28P
   CMOS single-chip 8-bit microcontroller
1996 Aug 16
P80C652IFA NXP-P80C652IFA Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
P80C652IFAA PHILIPS-P80C652IFAA Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
More results

Similar Description - P80C652IFA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com