Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8506-60CSM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BL8506-60CSM
Description  High-precision Low Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BL8506-60CSM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BL8506-60CSM Datasheet HTML 1Page - List of Unclassifed Manufacturers BL8506-60CSM Datasheet HTML 2Page - List of Unclassifed Manufacturers BL8506-60CSM Datasheet HTML 3Page - List of Unclassifed Manufacturers BL8506-60CSM Datasheet HTML 4Page - List of Unclassifed Manufacturers BL8506-60CSM Datasheet HTML 5Page - List of Unclassifed Manufacturers BL8506-60CSM Datasheet HTML 6Page - List of Unclassifed Manufacturers BL8506-60CSM Datasheet HTML 7Page - List of Unclassifed Manufacturers BL8506-60CSM Datasheet HTML 8Page - List of Unclassifed Manufacturers BL8506-60CSM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.belling.com.cn
Ver1.1
1
High-precision Low Voltage Detector
BL8506
Selection Guide:
BL8506-XX X XX
Outline:
BL8506 is a series of high precision voltage
detector with ultra low current consumption
(500nA typ. at Vdd=3.0V). It can work at very
low voltage, which makes it perfect for system
reset.
BL8506 is composed of high precision
voltage reference, comparator, output driver and
resistor array. Internally preset detect voltage
has a low temperature drift and requires no
external trimming.
Two type of output, CMOS and N-channel
open-drain are available.
BL8506 is available in SOT-89-3,SOT-23-3
TO92, SOT23-5 packages which is Pb free.
Features:
High-precision detection Voltage: ±2%
Detection Voltage:0.9V~6.0V (in 0.1V steps)
Precise hysteresis:4% typ.
Operating Voltage range:0.7V~10V
Ultra-low current consumption:500nA typ. (at
VDD=3.0V)
Two Output forms :CMOS and N-channel
open-drain
Application:
Power monitor for portable equipment such as
PDA,DSC,Mobile phone,Notebook,MP3
CPU and Logic Circuit Reset
Battery Checker
Battery Back-up Circuit
Power Failure Detector
Pin Assignment:
Package Type:
RM: SOT-23-3
RN: SOT-23-5
SM: SOT-89-3
T:
TO-92
(Default、Pb Free)
Output Type:
N:Nch Open-drain
C:CMOS
Detector Voltage:
09……0.9V
30……3.0V
……
50……5.0V
60……6.0V


Similar Part No. - BL8506-60CSM

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8506-09CSM BELLING-BL8506-09CSM Datasheet
619Kb / 19P
   Battery Back-up Circuit
BL8506-09NRM BELLING-BL8506-09NRM Datasheet
619Kb / 19P
   Battery Back-up Circuit
BL8506-11NRO BELLING-BL8506-11NRO Datasheet
619Kb / 19P
   Battery Back-up Circuit
BL8506-20CT BELLING-BL8506-20CT Datasheet
619Kb / 19P
   Battery Back-up Circuit
BL8506-21NRN BELLING-BL8506-21NRN Datasheet
619Kb / 19P
   Battery Back-up Circuit
More results

Similar Description - BL8506-60CSM

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com