Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1515V18 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1515V18
Description  72-Mbit QDR??II SRAM 4-Word Burst Architecture
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1515V18 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1515V18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1515V18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1515V18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1515V18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1515V18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1515V18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1515V18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1515V18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1515V18 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PRELIMINARY
CY7C1513V18
CY7C1526V18
CY7C1511V18
CY7C1515V18
Document #: 38-05363 Rev. *A
Page 7 of 23
Functional Overview
The
CY7C1511V18,
CY7C1526V18,
CY7C1513V18/,
CY7C1515V18 are synchronous pipelined Burst SRAMs
equipped with both a Read Port and a Write Port. The Read
port is dedicated to Read operations and the Write Port is
dedicated to Write operations. Data flows into the SRAM
through the Write port and out through the Read Port. These
devices multiplex the address inputs in order to minimize the
number of address pins required. By having separate Read
and Write ports, the QDR-II completely eliminates the need to
“turn-around” the data bus and avoids any possible data
contention, thereby simplifying system design. Each access
consists of four 8-bit data transfers in the case of
CY7C1511V18, four 9-bit data transfers in the case of
CY7C1526V18, four 18-bit data transfers in the case of
CY7C1513V18, and four 36-bit data in the case of
CY7C1515V18 transfers in two clock cycles.
Accesses for both ports are initiated on the Positive Input
Clock (K). All synchronous input timing is referenced from the
rising edge of the input clocks (K and K) and all output timing
is referenced to the output clocks (C and C or K and K when
in single clock mode).
All synchronous data inputs (D[x:0]) inputs pass through input
registers controlled by the input clocks (K and K). All
synchronous data outputs (Q[x:0]) outputs pass through output
registers controlled by the rising edge of the output clocks (C
and C or K and K when in single-clock mode).
All synchronous control (RPS, WPS, BWS[x:0]) inputs pass
through input registers controlled by the rising edge of the
input clocks (K and K).
CY7C1513V18 is described in the following sections. The
same
basic
descriptions
apply
to
CY7C1511V18,
CY7C1526V18 and CY7C1515V18.
Read Operations
The CY7C1513V18 is organized internally as 4 arrays of 1M x
18. Accesses are completed in a burst of four sequential 18-bit
data words. Read operations are initiated by asserting RPS
active at the rising edge of the Positive Input Clock (K). The
address presented to Address inputs are stored in the Read
address register. Following the next K clock rise, the corre-
sponding lowest order 18-bit word of data is driven onto the
Q[17:0] using C as the output timing reference. On the subse-
quent rising edge of C the next 18-bit data word is driven onto
the Q[17:0]. This process continues until all four 18-bit data
words have been driven out onto Q[17:0]. The requested data
will be valid 0.45 ns from the rising edge of the output clock (C
or C or (K or K when in single-clock mode)). In order to
maintain the internal logic, each read access must be allowed
to complete. Each Read access consists of four 18-bit data
words and takes 2 clock cycles to complete. Therefore, Read
accesses to the device can not be initiated on two consecutive
K clock rises. The internal logic of the device will ignore the
second Read request. Read accesses can be initiated on
every other K clock rise. Doing so will pipeline the data flow
CQ
Echo Clock
CQ is referenced with respect to C. This is a free running clock and is synchronized to the
output clock(C) of the QDR-II. In the single clock mode, CQ is generated with respect to K. The
timings for the echo clocks are shown in the AC timing table.
CQ
Echo Clock
CQ is referenced with respect to C. This is a free running clock and is synchronized to the
output clock(C) of the QDR-II. In the single clock mode, CQ is generated with respect to K. The
timings for the echo clocks are shown in the AC timing table.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system
data bus impedance. CQ,CQ and Q[x:0] output impedance are set to 0.2 x RQ, where RQ is a
resistor connected between ZQ and ground. Alternately, this pin can be connected directly to
VDD, which enables the minimum impedance mode. This pin cannot be connected directly to
GND or left unconnected.
DOFF
Input
DLL Turn Off - Active LOW. Connecting this pin to ground will turn off the DLL inside the device.
The timings in the DLL turned off operation will be different from those listed in this data sheet.
More details on this operation can be found in the application note, “DLL Operation in the QDR-II.”
TDO
Output
TDO for JTAG.
TCK
Input
TCK pin for JTAG.
TDI
Input
TDI pin for JTAG.
TMS
Input
TMS pin for JTAG.
NC
N/A
Not connected to the die. Can be tied to any voltage level.
VSS/144M
Input
Address expansion for 144M. This must be tied LOW on the these devices.
VSS/288M
Input
Address expansion for 288M. This must be tied LOW on the these devices.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs and Outputs
as well as AC measurement points.
VDD
Power Supply Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
Power Supply Power supply inputs for the outputs of the device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description


Similar Part No. - CY7C1515V18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1515V18 CYPRESS-CY7C1515V18 Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
CY7C1515V18-167BZC CYPRESS-CY7C1515V18-167BZC Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
CY7C1515V18-167BZI CYPRESS-CY7C1515V18-167BZI Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
CY7C1515V18-167BZXC CYPRESS-CY7C1515V18-167BZXC Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
CY7C1515V18-167BZXI CYPRESS-CY7C1515V18-167BZXI Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1515V18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C2561KV18 CYPRESS-CY7C2561KV18 Datasheet
845Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_11 Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511AV18 CYPRESS-CY7C1511AV18 Datasheet
709Kb / 31P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1513KV18 CYPRESS-CY7C1513KV18 Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18_06 Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com