Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA35HB60 Datasheet(PDF) 1 Page - International Rectifier

Part # HFA35HB60
Description  Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA35HB60 Datasheet(HTML) 1 Page - International Rectifier

  HFA35HB60 Datasheet HTML 1Page - International Rectifier HFA35HB60 Datasheet HTML 2Page - International Rectifier HFA35HB60 Datasheet HTML 3Page - International Rectifier HFA35HB60 Datasheet HTML 4Page - International Rectifier HFA35HB60 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Parameter
Max.
Units
VR
D.C. Reverse Voltage
600
V
IF @ TC = 100°C
Continuous Forward Current

22
IFSM @ TC = 25°C
Single Pulse Forward Current
‚
225
PD @ TC = 25°C
Maximum Power Dissipation
83
W
TJ
Operating Junction and
-55 to +150
°C
TSTG
Storage Temperature Range
• Reduced RFI and EMI
• Reduced Snubbing
• Extensive Characterization of Recovery Parameters
• Hermetic
• Electrically Isolated
• Ceramic Eyelets
Features
Description
HEXFRED
TM
diodes are optimized to reduce losses and
EMI/RFI in high frequency power conditioning systems.
An extensive characterization of the recovery behavior
for different values of current, temperature and di/dt
simplifies the calculations of losses in the operating
conditions. The softness of the recovery eliminates the
need for a snubber in most applications. These devices
are ideally suited for power converters, motors drives and
other applications where switching losses are significant
portion of the total losses.
Ultrafast, Soft Recovery Diode
HEXFRED
TM
VR = 600V
VF = 1.75V
Qrr = 290nC
di(rec)M/dt = 400A/µs
A
Absolute Maximum Ratings (per Leg)
Note:
 D.C. = 50% rect. wave
‚ 1/2 sine wave, 60 Hz , P.W. = 8.33 ms
Thermal - Mechanical Characteristics
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case, Single Leg Conducting
1.5
Weight
9.3
g
°C/W
HFA35HB60
ANODE
CATHODE
(ISOLATED BASE)
6/30/99
TO-254AA
www.irf.com
1
PD-20379


Similar Part No. - HFA35HB60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA35HB60 IRF-HFA35HB60 Datasheet
191Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA35HB60C IRF-HFA35HB60C Datasheet
195Kb / 5P
   Ultrafast, Soft Recovery Diode FRED
HFA35HB60C IRF-HFA35HB60C Datasheet
190Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA35HB60CSCV IRF-HFA35HB60CSCV Datasheet
190Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA35HB60C IRF-HFA35HB60C_15 Datasheet
190Kb / 5P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFA35HB60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com