Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL8506-50NSM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BL8506-50NSM
Description  High-precision Low Voltage Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BL8506-50NSM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BL8506-50NSM Datasheet HTML 1Page - List of Unclassifed Manufacturers BL8506-50NSM Datasheet HTML 2Page - List of Unclassifed Manufacturers BL8506-50NSM Datasheet HTML 3Page - List of Unclassifed Manufacturers BL8506-50NSM Datasheet HTML 4Page - List of Unclassifed Manufacturers BL8506-50NSM Datasheet HTML 5Page - List of Unclassifed Manufacturers BL8506-50NSM Datasheet HTML 6Page - List of Unclassifed Manufacturers BL8506-50NSM Datasheet HTML 7Page - List of Unclassifed Manufacturers BL8506-50NSM Datasheet HTML 8Page - List of Unclassifed Manufacturers BL8506-50NSM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.belling.com.cn
Ver1.1
3
BL8506
Block diagram:
Absolute Maximum Ratings:
Input Voltage range -------------------------------------------------------------------------------------0.3V~12V
Output Voltage range-----------------------------------------------------------------------------------0.3V~12V
Maximum Output current -----------------------------------------------------------------------------70mA
Maximum power dissipation -------------------------------------------------------------------------150mW
Ambient temperature ---------------------------------------------------------------------------------- -40~+70
°C
Storage temperature----------------------------------------------------------------------------------- -40~125
°C
Lead temperature and time --------------------------------------------------------------------------260
°C,10S
Recommended Work Conditions:
Item
Min
Recommended
Max
unit
Input Voltage range
0.7
10
V
Ambient temperature
-40
25
70
Electrical Characteristics:
BL8506-09C/NXX(0.9V)
(Topt=25℃,Unless otherwise specified.)
Reference data
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
0.882
0.9
0.918
V
VHYS
Detector Threshold
Hysteresis
0.018
0.036
0.054
V
ISS
Current consumption
VDD=2.9V
1
1.5
uA
VDDH
Maximum operating
voltage
10
V
VDDL
Minimum Operating
voltage
0.5
V
IOUT
Output current
Nch
VDS=0.05V,VDD=0.7V
VDS=0.50V,VDD=0.8V
0.01
0.05
0.05
0.50
mA
N channel open-drain
CMOS output


Similar Part No. - BL8506-50NSM

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8506-09CSM BELLING-BL8506-09CSM Datasheet
619Kb / 19P
   Battery Back-up Circuit
BL8506-09NRM BELLING-BL8506-09NRM Datasheet
619Kb / 19P
   Battery Back-up Circuit
BL8506-11NRO BELLING-BL8506-11NRO Datasheet
619Kb / 19P
   Battery Back-up Circuit
BL8506-20CT BELLING-BL8506-20CT Datasheet
619Kb / 19P
   Battery Back-up Circuit
BL8506-21NRN BELLING-BL8506-21NRN Datasheet
619Kb / 19P
   Battery Back-up Circuit
More results

Similar Description - BL8506-50NSM

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com