Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ3845P Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AZ3845P
Description  CURRENT MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AZ3845P Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AZ3845P Datasheet HTML 1Page - Advanced Analog Technology, Inc. AZ3845P Datasheet HTML 2Page - Advanced Analog Technology, Inc. AZ3845P Datasheet HTML 3Page - Advanced Analog Technology, Inc. AZ3845P Datasheet HTML 4Page - Advanced Analog Technology, Inc. AZ3845P Datasheet HTML 5Page - Advanced Analog Technology, Inc. AZ3845P Datasheet HTML 6Page - Advanced Analog Technology, Inc. AZ3845P Datasheet HTML 7Page - Advanced Analog Technology, Inc. AZ3845P Datasheet HTML 8Page - Advanced Analog Technology, Inc. AZ3845P Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CURRENT MODE PWM CONTROLLER
AZ3842/3/4/5
Advanced Analog Circuits
Data Sheet
5
March 2003
Rev: 1.0
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
TJ=25oC, IREF=1mA
4.90
5.00
5.10
V
Line Regulation
∆VREF
12V
≤ VCC ≤25V
4
15
mV
Load Regulation
∆VREF
1mA
≤ IREF ≤20mA
4
15
mV
Short Circuit Output Current
ISC
TA=25oC
-100
-180
mA
Temperature Stability
0.2
0.4
mV/oC
Output Noise Voltage
(Note 6)
50
µV
Long Term Stability
TA=85oC, 1000 hours
525
mV
OSCILLATOR SECTION
Oscillation Frequency
f
TJ=25oC
47
52
57
KHz
Frequency Change with Voltage
∆f/f
12V
≤ VCC ≤ 25V
0.2
1
%
Oscillator Amplitude
VOSC
Pin 4, peak to peak (Note 6)
1.7
V
Temperature Stability
(Note 6)
2.5
%
ERROR AMPLIFIER SECTION
Input Bias Current
IBIAS
(Note 6)
-0.1
-2
µA
Input Voltage
VI
Vpin 1=2.5V
2.42
2.50
2.58
V
Open Loop Voltage Gain
AVOL
2V
≤ VO ≤ 4V
65
90
dB
Power Supply Rejection Ratio
PSRR
12V
≤ VCC ≤ 25V
60
70
dB
Output Sink Current
ISINK
Vpin2=2.7V, Vpin1=1.1V
2
4
mA
Output Source Current
ISOURCE
Vpin2=2.3V, Vpin1=5V
-0.5
-0.8
mA
High Output Voltage
VOH
Vpin2=2.3V, RL=15kΩ to GND
5
6
V
Low Output Voltage
VOL
Vpin2=2.7V, RL=15kΩ to Pin 8
0.8
1.1
V
CURRENT SENSE SECTION
Gain
GV
(Note 4, 5)
2.85
3
3.15
V/V
Maximum Input Signal
VI(MAX)
Vpin1=5V(Note 4)
0.9
1
1.1
V
Power Supply Rejection Ratio
PSRR
12V
≤ VCC ≤ 25V (Note 4, 6)
70
dB
Input Bias Current
IBIAS
-3
-10
µA
Delay to Output
Vpin3 = 0 to 2V (Note 6)
150
300
ns
OUTPUT SECTION
Low Output Voltage
VOL
ISINK = 20mA
0.1
0.4
V
ISINK = 200mA
1.4
2.2
V
High Output Voltage
VOH
ISOURCE = 20mA
13
14
V
ISOURCE = 200mA
12
13
V
Rise Time
tR
TJ=25oC, CL=1nF (Note 6)
50
150
ns
(VCC=15V, RT=10kΩ CT=3.3nF, TA= -40oC to +85oC, unless otherwise specified.)
Electrical Characteristics


Similar Part No. - AZ3845P

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AZ384XGM ANALOGICTECH-AZ384XGM Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGM-E1 ANALOGICTECH-AZ384XGM-E1 Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGMTR ANALOGICTECH-AZ384XGMTR Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGMTR-E1 ANALOGICTECH-AZ384XGMTR-E1 Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
AZ384XGP ANALOGICTECH-AZ384XGP Datasheet
250Kb / 10P
   GREEN MODE PWM CONTROLLER
More results

Similar Description - AZ3845P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com