Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10040200GT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D10040200GT
Description  Product Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D10040200GT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D10040200GT Datasheet HTML 1Page - List of Unclassifed Manufacturers D10040200GT Datasheet HTML 2Page - List of Unclassifed Manufacturers D10040200GT Datasheet HTML 3Page - List of Unclassifed Manufacturers D10040200GT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Specification
D10040200GT
GaAs Power Doubler, 40 – 1000MHz, 20.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
FEATURES
Excellent linearity
Superior return loss performance
Extremely low distortion
Optimal reliability
Low noise
Unconditionally stable under all terminations
APPLICATION
40 to 1000 MHz CATV amplifier systems
DESCRIPTION
Hybrid Power Doubler amplifier module
employing GaAs die
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
SYMBO
L
PARAMETER
MIN.
MAX.
UNIT
Vi
RF input voltage (single tone)
-
75
dBmV
Vov
DC supply over-voltage (5 minutes)
-
30
V
Tstg
storage temperature
- 40
+ 100
°C
Tmb
operating mounting base temperature
- 30
+ 100
°C
CHARACTERISTICS
Table 1: S-Parameter, Noise Figure, DC Current; VB = 24V; Tmb = 30°C; ZS = ZL = 75
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 50 MHz
19.5
20.0
20.5
dB
f = 1000 MHz
20.0
22.0
dB
SL
slope 1)
f = 40 to 1000 MHz
1.0
1.5
2.0
dB
FL
flatness of frequency
response
f = 40 to 1000 MHz
(Peak to Valley)
-
0.8
dB
S11
input return loss
f = 40 to 320 MHz
20.0
-
dB
f = 320 to 640 MHz
19.0
-
dB
f = 640 to 870 MHz
17.0
-
dB
f = 870 to 1000 MHz
16.0
-
dB
S22
output return loss
f = 40 to 320 MHz
20.0
-
dB
f = 320 to 640 MHz
19.0
-
dB
f = 640 to 870 MHz
18.0
-
dB
f = 870 to 1000 MHz
17.0
-
dB
F
noise figure
f = 50 to 1000 MHz
-
6.5
dB
Itot
total current
consumption (DC)
350.0
375.0
mA
Notes:
1) The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
Page 1 of 4
2005 Aug 04
Document Revision Level B
D10040200GT
GaAs Power Doubler Hybrid
40 – 1000MHz
20.0dB min. Gain @ 1GHz
375mA max. @ 24VDC


Similar Part No. - D10040200GT

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
D10040200GT PDI-D10040200GT Datasheet
126Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 20.0dB min. Gain @ 1GHz, 375mA max. @ 24VDC
logo
RF Micro Devices
D10040200GT RFMD-D10040200GT Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
D10040200GT QORVO-D10040200GT Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
logo
PREMIER DEVICES, INC.
D10040200GTH PDI-D10040200GTH Datasheet
156Kb / 4P
   GaAs Power Doubler, 40 - 1000MHz, 20.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
logo
RF Micro Devices
D10040200GTH RFMD-D10040200GTH Datasheet
265Kb / 3P
   GaAs Power Doubler Hybrid 40MHz to 1000MHz
More results

Similar Description - D10040200GT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com