Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4129 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # AN4129
Description  Green Current Mode PWM Controller FAN7601
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN4129 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button AN4129 Datasheet HTML 4Page - Fairchild Semiconductor AN4129 Datasheet HTML 5Page - Fairchild Semiconductor AN4129 Datasheet HTML 6Page - Fairchild Semiconductor AN4129 Datasheet HTML 7Page - Fairchild Semiconductor AN4129 Datasheet HTML 8Page - Fairchild Semiconductor AN4129 Datasheet HTML 9Page - Fairchild Semiconductor AN4129 Datasheet HTML 10Page - Fairchild Semiconductor AN4129 Datasheet HTML 11Page - Fairchild Semiconductor AN4129 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
APPLICATION NOTE
AN4129
11
©2003 Fairchild Semiconductor Corporation
Table 3: 50W Adapter Demo Board Part List
PART#
VALUE
NOTE
PART#
VALUE
NOTE
FUSE
CAPACITOR
F101
250V 1A
-
C101
220nF/275V
Box Cap.
NTC
C102
100nF/275V
Box Cap.
RT101
5D-9
-
C103
150uF/400V
Electrolytic
R111
8k
-
C105
10pF
Ceramic
RESISTOR
C106
272
Miler
R101
-
-
C107
47uF/25V
Electrolytic
R103
56k
1/2W
C108
103
Film
R105
150
-
C109
0.47uF
Electrolytic
R106
10k
-
C110, 111
102/1kV
Ceramic
R107
0.5
1/2W
C112
104
Ceramic
R108
1k
-
C201, 202
1000uF/25V
Electrolytic
R109
8k
-
C203
102
Ceramic
R110
3.9k
-
C222
222/1kV
Ceramic
R112
1k
-
MOSFET
R113
36k
-
Q101
FQPF7N60
Fairchild
R114
1M
-
INDUCTOR
R201
1.5k
-
LF101
23mH
-
R202
1.2k
-
L201
9uH
-
R203
0
-
DIODE
R204
27k
-
D101,102
UF4007
-
R205
7k
-
D103
1N4148
-
R206
10
1/2W
D202, 204
MBRF20100CT
-
R207
10k
-
ZD201
15V Zener/1W
-
IC
BD101
KBP206
-
IC101
FAN7601
Fairchild
TRANSISTOR
IC201
KA431
Fairchild
TR101
2N3906
Fairchild
IC301, 302
H11A817B
Fairchild


Similar Part No. - AN4129

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4129 STMICROELECTRONICS-AN4129 Datasheet
3Mb / 39P
   STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
More results

Similar Description - AN4129

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7601B FAIRCHILD-FAN7601B_12 Datasheet
677Kb / 10P
   Green Current Mode PWM Controller
FAN7602C FAIRCHILD-FAN7602C Datasheet
509Kb / 19P
   Green Current Mode PWM Controller
logo
ON Semiconductor
FAN7602C ONSEMI-FAN7602C Datasheet
475Kb / 19P
   Green Current Mode PWM Controller
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7602_0611 FAIRCHILD-FAN7602_0611 Datasheet
1Mb / 18P
   Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601 Datasheet
411Kb / 12P
   Green Current Mode PWM Controller
FAN7602B FAIRCHILD-FAN7602B Datasheet
1Mb / 17P
   Green Current-Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B_11 Datasheet
669Kb / 10P
   Green Current Mode PWM Controller
AN-6014 FAIRCHILD-AN-6014 Datasheet
396Kb / 15P
   Green Current Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B Datasheet
527Kb / 11P
   Green Current Mode PWM Controller
FAN7602 FAIRCHILD-FAN7602 Datasheet
897Kb / 17P
   Green Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com