Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4129 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # AN4129
Description  Green Current Mode PWM Controller FAN7601
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN4129 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  AN4129 Datasheet HTML 1Page - Fairchild Semiconductor AN4129 Datasheet HTML 2Page - Fairchild Semiconductor AN4129 Datasheet HTML 3Page - Fairchild Semiconductor AN4129 Datasheet HTML 4Page - Fairchild Semiconductor AN4129 Datasheet HTML 5Page - Fairchild Semiconductor AN4129 Datasheet HTML 6Page - Fairchild Semiconductor AN4129 Datasheet HTML 7Page - Fairchild Semiconductor AN4129 Datasheet HTML 8Page - Fairchild Semiconductor AN4129 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
APPLICATION NOTE
AN4129
5
©2003 Fairchild Semiconductor Corporation
Figure 11. DC Link Voltage and Current Waveforms
The bridge diode conduction time can be calculated by (5)
and the diode RMS current can be calculated by (6).
The calculated value is 1.3A and the selected bridge diode is
KBP206(600V/2A).
2. Transformer Design
Since 2001, the European Commission has been regulating
no load losses for AC adapters, battery chargers and
external power supplies under 75W.
Table 1 shows the regulation target specification.
Vdc_link
Vac
Iac
tc
1
2
π fac
--------------------
=
arc
Vdc_min
2 Vac_min
--------------------------------------


cos
×
(5)
IBD RMS
() 2
=
2 Vac_min
Vdc_min
() Cdc
2fac
3tc
----------------
⋅⋅
(6)
Table 1: European Commission Regulation Specification
Rated Input Power
No Load Power Consumption
Phase 1
1.1.2001
Phase 2
1.1.2003
Phase 3
1.1.2005
≥ 0.3W and < 15W
1.0W
0.75W
0.30W
≥ 15W and < 50W
1.0W
0.75W
0.50W
≥ 50W and < 75W
1.0W
0.75W
0.75W
At light and no load, the FAN7601 operates in burst mode to
reduce the power loss. To meet the regulation specification
the most important thing is to minimize the number of
MOSFET switchings. The flyback converter transfers energy
during the switch-off time. As the primary inductance of the
flyback transformer increases, the energy transferred to the
secondary side increases during one switching cycle. There-
fore it is better to use a higher inductance transformer, but
inductance is restricted by the size and cost of the trans-
former. In this design example, a 600uH transformer is
selected and the ferrite core is EER2828. The transformer
turns ratio is calculated when the input line voltage is lowest
and the output power is maximum. The maximum duty ratio
must be lower than 0.45 to prevent subharmonic oscillation.
In this design example, the turns ratio must be higher than
0.174 by (7).
Once the minimum turns ratio is determined, then the
numbers of primary and secondary turns is calculated when
input line voltage is highest and the output power is
maximum. If the converter operates in the CCM (Continuous
Conduction Mode) then the turn-on time can be calculated
by (8).
Then the number of primary turns can be obtained as in (9).
Ae is the effective cross sectional area of the core and Bmax
is the maximum flux density. Ae of EER2828 is 82.1mm2
and Bmax is 0.15T. The calculated number of primary turns
is 54. Then the number of secondary turns can be calculated
by (10). The calculated number of secondary turns is 10.
The air gap length can be calculated by (11).
If the primary inductance is not high enough, the converter
can operate in the DCM(Discontinuous Conduction Mode)
when the input line voltage is highest and the output power is
maximum. For the DCM, the turn-on time can be calculated
as in (12).
n
1
Dmax
Dmax
-----------------------
>
Vo VDiode
+
Vdc_min
--------------------------------
(7)
ton
Vo VDiode
+
n Vdc_max
Vo VDiode
++
-------------------------------------------------------------------------
=
1
fsw
---------
(8)
Np
Vdc_max ton
Ae Bmax
---------------------------------------


=
(9)
Ns
Np
=
Vo VDiode
+
Vdc_min
--------------------------------
1Dmax
Dmax
-----------------------
(10)
l
g4
π
=10
7
Ae
N
2
P
L
----------
⋅⋅
(11)


Similar Part No. - AN4129

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4129 STMICROELECTRONICS-AN4129 Datasheet
3Mb / 39P
   STEVAL-ILL044V1: 9 W Triac dimmable, high power factor
More results

Similar Description - AN4129

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7601B FAIRCHILD-FAN7601B_12 Datasheet
677Kb / 10P
   Green Current Mode PWM Controller
FAN7602C FAIRCHILD-FAN7602C Datasheet
509Kb / 19P
   Green Current Mode PWM Controller
logo
ON Semiconductor
FAN7602C ONSEMI-FAN7602C Datasheet
475Kb / 19P
   Green Current Mode PWM Controller
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7602_0611 FAIRCHILD-FAN7602_0611 Datasheet
1Mb / 18P
   Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601 Datasheet
411Kb / 12P
   Green Current Mode PWM Controller
FAN7602B FAIRCHILD-FAN7602B Datasheet
1Mb / 17P
   Green Current-Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B_11 Datasheet
669Kb / 10P
   Green Current Mode PWM Controller
AN-6014 FAIRCHILD-AN-6014 Datasheet
396Kb / 15P
   Green Current Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B Datasheet
527Kb / 11P
   Green Current Mode PWM Controller
FAN7602 FAIRCHILD-FAN7602 Datasheet
897Kb / 17P
   Green Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com