Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C652IFB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P80C652IFB
Description  CMOS single-chip 8-bit microcontrollers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C652IFB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P80C652IFB Datasheet HTML 7Page - NXP Semiconductors P80C652IFB Datasheet HTML 8Page - NXP Semiconductors P80C652IFB Datasheet HTML 9Page - NXP Semiconductors P80C652IFB Datasheet HTML 10Page - NXP Semiconductors P80C652IFB Datasheet HTML 11Page - NXP Semiconductors P80C652IFB Datasheet HTML 12Page - NXP Semiconductors P80C652IFB Datasheet HTML 13Page - NXP Semiconductors P80C652IFB Datasheet HTML 14Page - NXP Semiconductors P80C652IFB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Phlips Semiconductors
Product specification
80C652/83C652
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
11
DC ELECTRICAL CHARACTERISTICS
VSS = 0V
TEST
LIMITS
SYMBOL
PARAMETER
PART TYPE
CONDITIONS
MIN.
MAX.
UNIT
VIL
Input low voltage,
except EA, P1.6/SCL, P1.7/SDA
0 to +70
°C
–0.5
0.2VDD–0.1
V
–40 to +85
°C
–0.5
0.2VDD–0.15
V
–40 to +125
°C
–0.5
0.2VDD–0.25
V
VIL1
Input low voltage to EA
0 to +70
°C
–0.5
0.2VDD–0.3
V
–40 to +85
°C
–0.5
0.2VDD–0.35
V
–40 to +125
°C
–0.5
0.2VDD–0.45
V
VIL2
Input low voltage to P1.6/SCL, P1.7/SDA6
–0.5
0.3VDD
V
VIH
Input high voltage, except XTAL1, RST,
P1.6/SCL, P1.7/SDA
0 to +70
°C
0.2VDD+0.9
VDD+0.5
V
–40 to +85
°C
0.2VDD+1.0
VDD+0.5
V
–40 to +125
°C
0.2VDD+1.0
VDD+0.5
V
VIH1
Input high voltage, XTAL1, RST
0 to +70
°C
0.7VDD
VDD+0.5
V
–40 to +85
°C
0.7VDD+0.1
VDD+0.5
V
–40 to +125
°C
0.7VDD+0.1
VDD+0.5
V
VIH2
Input high voltage, P1.6/SCL, P1.7/SDA6
0.7VDD
6.0
V
VOL
Output low voltage, ports 1, 2, 3,
except P1.6/SCL, P1.7/SDA
IOL = 1.6mA8, 9
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN
IOL = 3.2mA8, 9
0.45
V
VOL2
Output low voltage, P1.6/SCL, P1.7/SDA
IOL = 3.0mA
0.4
V
VOH
Output high voltage, ports 1, 2, 3, ALE, PSEN10
IOH = –60µA
2.4
V
IOH = –25µA
0.75VDD
V
IOH = –10µA
0.9VDD
V
VOH1
Output high voltage; port 0 in external bus mode
IOH = –800µA
2.4
V
IOH = –300µA
0.75VDD
V
IOH = –80µA
0.9VDD
V
IIL
Logical 0 input current, ports 1, 2, 3,
except P1.6/SCL, P1.7/SDA
0 to +70
°C
VIN = 0.45V
–50
µA
–40 to +85
°C
–75
µA
–40 to +125
°C
–75
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3,
except P1.6/SCL, P1.7/SDA
0 to +70
°C
See note 7
–650
µA
–40 to +85
°C
–750
µA
–40 to +125
°C
–750
µA
IL1
Input leakage current, port 0, EA
0.45V < VI < VDD
±10
µA
IL2
Input leakage current, P1.6/SCL, P1.7/SDA
0V < VI < 6.0V
0V < VDD < 6.0V
±10
µA
µA
IDD
Power supply current:
See note 1
Active mode @ 16MHz2, 11
VDD=6.0V
26.5
mA
Active mode @ 24MHz2, 11
VDD=5.5V
33.8
mA
Idle mode @ 16MHz3, 11
6
mA
Idle mode @ 24MHz3, 11
7
mA
Power down mode4, 5
50
µA
Power down mode4, 5
–40 to +125
°C
100
µA
RRST
Internal reset pull-down resistor
50
150
k
CIO
Pin capacitance
Freq.=1MHz
10
pF
NOTES ON NEXT PAGE.


Similar Part No. - P80C652IFB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C652IFB PHILIPS-P80C652IFB Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
P80C652IFB PHILIPS-P80C652IFB Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
P80C652IFB PHILIPS-P80C652IFB Datasheet
480Kb / 28P
   CMOS single-chip 8-bit microcontroller
1996 Aug 16
P80C652IFB NXP-P80C652IFB Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
P80C652IFBB PHILIPS-P80C652IFBB Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results

Similar Description - P80C652IFB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com