Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX157M Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LVX157M
Description  Quad 2-Channel Multiplexe With 5 V?뭈olerant Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX157M Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVX157M Datasheet HTML 1Page - ON Semiconductor MC74LVX157M Datasheet HTML 2Page - ON Semiconductor MC74LVX157M Datasheet HTML 3Page - ON Semiconductor MC74LVX157M Datasheet HTML 4Page - ON Semiconductor MC74LVX157M Datasheet HTML 5Page - ON Semiconductor MC74LVX157M Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74LVX157
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
Vin
DC Input Voltage
–0.5 to +7.0
V
Vout
DC Output Voltage
–0.5 to VCC +0.5
V
IIK
Input Diode Current
−20
mA
IOK
Output Diode Current
±20
mA
Iout
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation
180
mW
Tstg
Storage Temperature
–65 to +150
_C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
3.6
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
−40
+85
_C
Dt/DV
Input Rise and Fall Time
0
100
ns/V
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA = − 40 to 85°C
Symbol
Parameter
Test Conditions
VCC
V
Min
Typ
Max
Min
Max
Unit
VIH
High−Level Input Voltage
2.0
3.0
3.6
1.5
2.0
2.4
1.5
2.0
2.4
V
VIL
Low−Level Input Voltage
2.0
3.0
3.6
0.5
0.8
0.8
0.5
0.8
0.8
V
VOH
High−Level Output Voltage
(Vin = VIH or VIL)
IOH = −50mA
IOH = −50mA
IOH = −4mA
2.0
3.0
3.0
1.9
2.9
2.58
2.0
3.0
1.9
2.9
2.48
V
VOL
Low−Level Output Voltage
(Vin = VIH or VIL)
IOL = 50mA
IOL = 50mA
IOL = 4mA
2.0
3.0
3.0
0.0
0.0
0.1
0.1
0.36
0.1
0.1
0.44
V
Iin
Input Leakage Current
Vin = 5.5V or GND
3.6
±0.1
±1.0
mA
ICC
Quiescent Supply Current
Vin = VCC or GND
3.6
4.0
40.0
mA


Similar Part No. - MC74LVX157M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX157M MOTOROLA-MC74LVX157M Datasheet
146Kb / 6P
   LOW-VOLTAGE CMOS
More results

Similar Description - MC74LVX157M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08_05 Datasheet
82Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX02 ONSEMI-MC74LVX02_05 Datasheet
82Kb / 6P
   Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX00 ONSEMI-MC74LVX00_05 Datasheet
83Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LCX32 ONSEMI-MC74LCX32_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX02 ONSEMI-MC74LCX02_05 Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LCX08 ONSEMI-MC74LCX08_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX86 ONSEMI-MC74LCX86_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX158 ONSEMI-MC74LCX158 Datasheet
86Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Inverting)
January, 2005 ??Rev. 4
MC74LVX04 ONSEMI-MC74LVX04_05 Datasheet
82Kb / 5P
   Hex Inverter With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 5
MC74LCX157A ONSEMI-MC74LCX157A Datasheet
313Kb / 9P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
June, 2021 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com