Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE75 Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # 1.5KE75
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

1.5KE75 Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  1.5KE75 Datasheet HTML 1Page - Shanghai Sunrise Electronics 1.5KE75 Datasheet HTML 2Page - Shanghai Sunrise Electronics 1.5KE75 Datasheet HTML 3Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
FEATURES
• 1500W peak pulse power capability
• Excellent clamping capability
• Low incremental surge resistance
• Fast response time:
typically less than 1.0ps from 0V to VBR
for unidirectional and 5.0nS for bidirectional types.
• High temperature soldering guaranteed:
265
oC/10S/9.5mm lead length at 5 lbs tension
MECHANICAL DATA
• Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
• Case: Molded with UL-94 Class V-O recognized
flame retardant epoxy
• Polarity: Color band denotes cathode except for
unidirectional types.
• Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
oC ambient temperature unless otherwise specified)
SYMBOL
VALUE
UNITS
Peak power dissipation
(Note 1)
Pppm
Minimum 1500
W
Peak pulse reverse current
(Note 1)
Ippm
See Table
A
Steady state power dissipation
(Note 2)
Pm(av)
5.0
W
Peak forward surge current
(Note 3)
IFSM
200
A
Maximum instantaneous forward voltage at 50A
for unidirectional only
(Note 4)
Operating junction and storage temperature range
TSTG,TJ
-55 to + 175
oC
Notes:
1. 10/1000
µS waveform non-repetitive current pulse, and derated above Ta=25oC
2. Tl=75
oC, lead length 9.5mm, Mounted on copper pad area of (20×20mm)
3. Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
4. VF=3.5V max. for devices of V(BR) 200V, and VF=5.0V max. for devices of V(BR) >200V
DEVICES FOR BIDIRECTIONAL APPLICATIONS
1. Suffix 'A' dnotes 5% tolerance device,no suffix 'A' dnotes 10% tolerance device.
2. For bidirectional use 'C' or 'CA' suffix for types 1.5KE6.8 thru types 1.5KE440A
(e.g. 1.5KE7.5C,1.5KE440CA), for unidirectional don't use 'C' suffix after types.
3. For bidirectional devices having VWM of 10 volts and less, the ID limit is doubled.
4. Electrical characteristics apply in both directions.
http://www.sse-diode.com
VF
3.5/5.0
V
RATINGS
1.5KE6.8 THRU 1.5KE440CA
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE:6.8-440V
PEAK PULSE POWER: 1500W
DO-201AE
Dimensions in inches and (millimeters)
TECHNICAL
SPECIFICATION


Similar Part No. - 1.5KE75

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE75 TRSYS-1.5KE75 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
1.5KE75 CHENDA-1.5KE75 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
1.5KE75 DIOTEC-1.5KE75 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5KE75 WTE-1.5KE75 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Digitron Semiconductors
1.5KE75 DIGITRON-1.5KE75 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
More results

Similar Description - 1.5KE75

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com